Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSG2308 Datasheet(PDF) 5 Page - Kingstate Electronics Corp.

Part # KSSG2308
Description  Speaker Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG2308 Datasheet(HTML) 5 Page - Kingstate Electronics Corp.

  KSSG2308 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP
5/6
KSSG2308
F. MECHANICAL CHARACTERISTICS 機械特性
No.
Item
Test condition
Evaluation standard
1
Solderability
焊錫附著性
(Spring Contact excepted)
彈
PIN 類不適用此項
Lead terminals are immersed in rosin for 5 seconds and
then immersed in solder bath of +270±5℃ for 3±1 seconds.
端子部份浸入松香溶液
5 秒後,再浸入+270±5℃溶融焊鍚槽中
3±1 秒.
90% min. lead terminals
shall be wet with solder.
(Except the edge of
terminal)
浸入端子部份附著焊鍚
90%以上.(末端斷面不算)
2
Soldering Heat
Resistance
焊錫耐熱性
(Spring Contact excepted)
彈
PIN 類不適用此項
Lead terminal are immersed up to 1.5mm from sounder’s
body in solder bath of +260±5℃ for 3±1 seconds.
距離端子根部
1.5mm 的位置,浸入+260±5℃的焊鍚槽 3±1 秒.
No interference in
operation
操作上無任何不良
3
Terminal Pull
Strength
端子拉力強度
(1) Spring Contact: Applied 3N (0.306kg) load to the Spring
Contact for 30 sec.
對彈
PIN 施以 3N (0.306kg)拉力 30 秒.
(2) Terminal : Applied 9.8N (1.0kg) load to the Terminal
for 30 sec.
對端子施以
9.8N (1.0kg)拉力 30 秒.
No damage and cutting off
端子不鬆動
, 不脫落.
4
Vibration Test
振動測試
Speaker shall be measured after being applied vibration of
amplitude of 1.5mm with 10 to 55Hz band of vibration
frequency to each of 3 per-pendicular directions for 2 hours.
振動週波數
10∼55Hz、全振幅 1.5mm 於 X.Y.Z 3 個方向,
各
2 小時.
5
Drop Test
落下測試
Drop the speakers contained in normal box onto the board
40mm thick 10 times from the height of 75cm.
將揚聲器置於盒中
, 自 75 公分高度落在 40mm 木板上共 10
次
.
No obstacle to be harmful
to normal operation;
damages, cracks, rusts and
distortions.
Should not be audible at
0.89V sine wave between
Fo ~ 6KHz
測試後無任何障礙防礙正常
操作
.且在輸入 0.89V 正弦波
從
Fo 到 6KHz 之間無異常音
G. ENVIRONMENTAL TEST 環境試驗
No.
Item
Test conditions
Evaluation standard
1
High temp. Test
高溫測試
After being placed in a chamber at +55℃ for 96 hours
置於
+55℃環境中 96 小時
2
Low temp. Test
低溫測試
After being placed in a chamber at -20℃ for 96 hours.
置於
-20℃環境中 96 小時
3
Humidity test
相對濕度測試
After being placed in a chamber at +40℃and 90±5% RH
relative humidity for 96 hours.
置於
+40℃, 相對濕度 90±5%環境中 96 小時
4
Temp. cycle test
溫度循環測試
The part shall be subjected to 5 cycles. One cycle shall be
consist of:
單體承受溫度循環測試
5 次,其循環內容如圖示:
+55℃
+25℃
-20℃
0.5
0.5
2hrs
hr
1hr hr
2hrs
6hrs
Being placed for 6 hours at
+25℃, speaker shall be
measured. No obstacle to
be harmful to normal
operation; damages,
cracks, rusts, etc.
Should not be audible at
0.89V sine wave between
Fo ~ 6KHz. Fo should
meet initial one. S.P.L.
deviation of unit should be
within ±3dB
經測試後
,靜置於+25℃
(室溫)環境中
6 小時後, 測
試後無任何障礙防礙正常操
作
.且在輸入 0.89V 正弦波從
Fo 到 6KHz 之間無異常音.
Fo 與原規格值相同,輸出音
壓變化量在
±3dB 內.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com