Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3103FUD Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SL2S3103FUD
Description  ICODE 3 97pF
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3103FUD Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SL2S3103FUD Datasheet HTML 32Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 33Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 34Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 35Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 36Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 37Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 38Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 39Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
NXP Semiconductors
SL2S3103
ICODE 3 97pF
8.5.3 Custom commands
The manufacturer code of NXP Semiconductors is defined in ISO/IEC 7816-6A1 [4]. The code has the value
"04h".
For the structure of custom commands, refer to ISO/IEC 15693-3 [3].
Unless otherwise specified, all the address modes are supported.
8.5.3.1 GET RANDOM NUMBER
Command code = B2h
The GET RANDOM NUMBER command is required to receive a random number from the label IC. The
passwords transmitted with the SET PASSWORD, ENABLE PRIVACY and DESTROY commands must be
calculated with the password and the random number (see Section 8.5.3.2 "SET PASSWORD").
The different passwords are addressed with the password identifier.
SOF
Flags
GET RANDOM
NUMBER
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional 16 bits
-
Table 46. GET RANDOM NUMBER request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 47. GET RANDOM NUMBER response when Error_flag set
SOF
Flags
Random number
CRC16
EOF
-
8 bits
16 bits
16 bits
-
Table 48. GET RANDOM NUMBER response format when Error_flag NOT set
SL2S3103
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 29 May 2024
Document feedback
36 / 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com