Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3103FUD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL2S3103FUD
Description  ICODE 3 97pF
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3103FUD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL2S3103FUD Datasheet HTML 4Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 5Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 6Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 7Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 8Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 9Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 10Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 11Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
NXP Semiconductors
SL2S3103
ICODE 3 97pF
7 Mechanical specification
7.1 Wafer specification
Refer to [5].
Parameter
Value
Wafer
Designation
each wafer is enscribed with batch number and wafer number
Diameter
300 mm (12 inches)
Thickness
120 μm ± 15 μm
Process
CMOS 0.14 μm
Batch size
25 wafers
Dies per wafer
140037
Wafer backside
Material
Si
Treatment
ground and stress release
Ra minimum = 0.5 μm
Roughness
Rt maximum = 5 μm
Chip dimensions
Die size without scribe
640 μm × 660 μm = 0.4224 mm2
Scribe line width
X-dimension
35 μm (scribe line width measured between nitride edges)
Y-dimension
35 μm (scribe line width measured between nitride edges)
Number of pads
4
Pad location
non-diagonal/placed in chip corners
Distance pad to pad LA to LB
530 μm (center to center)
Distance pad to pad LB to TP
550 μm (center to center)
Passivation on front
Type
sandwich structure
Material
PE-nitride (on top)
Thickness
1.75 μm total thickness of passivation
Au bump
Material
>99.9 % pure Au
Hardness
35 HV to 80 HV 0.005
Shear strength
>70 MPa
Height
18 μm
Table 3. Wafer specification
SL2S3103
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 29 May 2024
Document feedback
8 / 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com