Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3103FUD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL2S3103FUD
Description  ICODE 3 97pF
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3103FUD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL2S3103FUD Datasheet HTML 9Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 10Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 11Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 12Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 13Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 14Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 15Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 16Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
NXP Semiconductors
SL2S3103
ICODE 3 97pF
8.2.2 Originality signature
The ICODE 3 can verify the origin of a tag. The device compares the UID compared with an originality signature
stored in the configuration memory. The originality signature can be read either with the READ SIGNATURE
command (refer to Section 8.5.3.20 "READ SIGNATURE"), or with the READ CONFIG command (refer to
Section 8.5.3.21 "READ CONFIG"). The outcome of the command is verified on the reader side.
The originality signature can be customized for specific applications. At delivery, the ICODE 3 is
preprogrammed with the 32-byte NXP originality signature. The signature is unlocked in the dedicated memory.
If needed, the signature can be reprogrammed with a custom-specific signature using the WRITE CONFIG
command (refer to Section 8.5.3.22 "WRITE CONFIG") during the customization process. Next, the signature
can be permanently locked by setting the OTP_OS_LOCK bit to 1 with the WRITE CONFIG command to avoid
further modifications.
The ICODE 3 can be configured with a 48-byte signature using the OS_CFG_MODE in the configuration
memory (see Table 39). If the originality signature is set to 48 bytes, the customized signature must be
programmed into blocks 0 to 11 in the configuration memory. Then the WRITE CONFIG command is used to set
the configuration memory to "locked".
Note: If no customized originality signature is required, it is recommended to permanently lock the NXP
signature during the initialization process by setting the configuration memory to "locked" with the WRITE
CONFIG command.
8.2.2.1 Originality signature at delivery
At delivery, the ICODE 3 is programmed with a 32-byte NXP digital signature based on standard Elliptic Curve
Cryptography (curve name secp128r1), according to the ECDSA algorithm [6]. The use of a standard algorithm
and ECC curve ensures easy software integration. The originality check procedure in NFC devices does
not require specific hardware. During production, each ICODE 3 UID is signed with an NXP private key. The
resulting 32-byte signature is stored in the configuration memory blocks 0 to 7.
Config Block
Byte 0
Byte 1
Byte 2
Byte 3
0
OS_0 (LSB)
OS_1
OS_2
OS_3
1
OS_4
OS_5
OS_6
OS_7
:
:
:
:
:
6
OS_24
OS_25
OS_26
OS_27
7
OS_28
OS_29
OS_30
OS_31 (MSB)
Table 8. Originality Signature location in the configuration memory
Use the READ SIGNATURE command or the READ CONFIG command to retrieve the signature (refer to
Section 8.5.3.20 "READ SIGNATURE"). Verify the signature in the NFC device by using the corresponding ECC
public key provided by NXP [7].
If the NXP public key is stored in the reader device, the complete signature verification procedure can be
performed offline.
To verify the signature (for example with the use of the public domain cryptolibrary OpenSSL), set the tool
domain parameters to secp128r1, defined within the standards for elliptic curve cryptography SEC [6].
SL2S3103
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 29 May 2024
Document feedback
13 / 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com