Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS Datasheet(PDF) 16 Page - Kingbright Corporation

Part # KA-4008ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS Datasheet(HTML) 16 Page - Kingbright Corporation

Back Button KA-4008ZGS Datasheet HTML 11Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 12Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 13Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 14Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 15Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 16Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 17Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 18Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 19Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SMD LED
22
SMD LED
23
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KM2520SURCK03
AlGaInP
630
water clear
900
2400
20°
Subminiature Solid State Lamps
Gull Wing Lead
KM2520SECK03
AlGaInP
601
water clear
900
2500
20°
KM2520SYCK03
AlGaInP
590
water clear
900
2200
20°
KM2520MGC03
AlGaInP
570
water clear
380
900
20°
KM2520CGCK03
AlGaInP
570
water clear
280
700
20°
KM2520ZGC03
InGaN
525
water clear
1200
2500
20°
KM2520ZGC-E03
InGaN
525
water clear
2200
4000
20°
KM2520ZGC-G03
InGaN
525
water clear
2800
5000
20°
KM2520QBC-D03
InGaN
470
water clear
180
500
20°
KM2520QBC-F03
InGaN
465
water clear
480
850
20°
KM2520QBC-G03
InGaN
465
water clear
650
1300
20°
KM2520SURCK08
AlGaInP
630
water clear
900
2400
20°
Subminiature Solid State Lamps
Yoke Lead
KM2520SECK08
AlGaInP
601
water clear
900
2500
20°
KM2520SYCK08
AlGaInP
590
water clear
900
2200
20°
KM2520MGC08
AlGaInP
570
water clear
380
900
20°
KM2520CGCK08
AlGaInP
570
water clear
280
700
20°
KM2520ZGC08
InGaN
525
water clear
1200
2500
20°
KM2520ZGC-E08
InGaN
525
water clear
2200
4000
20°
KM2520ZGC-G08
InGaN
525
water clear
2800
5000
20°
KM2520QBC-D08
InGaN
470
water clear
180
500
20°
KM2520QBC-F08
InGaN
465
water clear
480
850
20°
KM2520QBC-G08
InGaN
465
water clear
650
1300
20°
KM2520SURCK09
AlGaInP
630
water clear
900
2400
20°
Subminiature Solid State Lamps
Z-Bend Lead
KM2520SECK09
AlGaInP
601
water clear
900
2500
20°
KM2520SYCK09
AlGaInP
590
water clear
900
2200
20°
KM2520MGC09
AlGaInP
570
water clear
380
900
20°
KM2520CGCK09
AlGaInP
570
water clear
280
700
20°
KM2520ZGC09
InGaN
525
water clear
1200
2500
20°
KM2520ZGC-E09
InGaN
525
water clear
2200
4000
20°
KM2520ZGC-G09
InGaN
525
water clear
2800
5000
20°
KM2520QBC-D09
InGaN
470
water clear
180
500
20°
KM2520QBC-F09
InGaN
465
water clear
480
850
20°
KM2520QBC-G09
InGaN
465
water clear
650
1300
20°
Units : mm(inch)
Tolerance : ±0.25(0.01)
Units : mm(inch)
Tolerance : 0.25(0.01)
Units : mm(inch)
Tolerance : ±0.25(0.01)
KM2520xxx03
KM2520xxx08
KM2520xxx09
SUBMINIATURE SMD LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com