Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KA-4008ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS Datasheet(HTML) 3 Page - Kingbright Corporation

  KA-4008ZGS Datasheet HTML 1Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 2Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 3Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 4Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 5Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 6Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 7Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 8Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SMD LED
10
SMD LED
11
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KA-3528ECT
GaAsP/GaP
625
water clear
7
30
120°
3.5mm x 2.8mm
KA-3528SRCT
GaAlAs
640
water clear
50
150
120°
KA-3528SURCKT
AlGaInP
630
water clear
70
350
120°
KA-3528SECKT
AlGaInP
601
water clear
110
400
120°
KA-3528YCT
GaAsP/GaP
588
water clear
4
20
120°
KA-3528SYCKT
AlGaInP
590
water clear
70
200
120°
KA-3528SGCT
GaP
568
water clear
10
25
120°
KA-3528MGCT
AlGaInP
570
water clear
50
150
120°
KA-3528CGCKT
AlGaInP
570
water clear
36
100
120°
KA-3528ZGCT
InGaN
525
water clear
380
600
120°
KA-3528ZGCT-E
InGaN
525
water clear
480
900
120°
KA-3528ZGCT-G
InGaN
525
water clear
650
1000
120°
KA-3528QBCT-D
InGaN
470
water clear
50
150
120°
KA-3528QBCT-F
InGaN
465
water clear
110
280
120°
KA-3528QBCT-G
InGaN
465
water clear
180
370
120°
TOP-EMITTING PLCC SMD LED
Units : mm(inch)
Tolerance : ±0.25(0.01)
KA-3528
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPHHS-1005SURCK
AlGaInP
630
water clear
70
220
120°
1.0mm x 0.5mm x 0.5mm (0402)
KPHHS-1005SECK
AlGaInP
601
water clear
70
240
120°
KPHHS-1005SYCK
AlGaInP
590
water clear
50
150
120°
KPHHS-1005CGCK
AlGaInP
570
water clear
10
50
120°
KPHHS-1005ZGC-V
InGaN
525
water clear
110
300
120°
KPHHS-1005QBC-D-V
InGaN
470
water clear
36
100
120°
KP-1608SURCK
AlGaInP
630
water clear
70
220
120°
1.6mm x 0.8mm x 1.1mm (0603)
KP-1608SECK
AlGaInP
601
water clear
70
240
120°
KP-1608SYCK
AlGaInP
590
water clear
50
150
120°
KP-1608MGC
AlGaInP
570
water clear
36
70
120°
KP-1608CGCK
AlGaInP
570
water clear
10
50
120°
KP-1608ZGC
InGaN
525
water clear
110
300
120°
KP-1608ZGC-E
InGaN
525
water clear
280
650
120°
KP-1608ZGC-G
InGaN
525
water clear
380
700
120°
KP-1608QBC-D
InGaN
470
water clear
36
100
120°
KP-1608QBC-F
InGaN
465
water clear
50
150
120°
KP-1608QBC-G
InGaN
465
water clear
70
180
120°
Units : mm(inch)
Tolerance : ±0.1(0.004)
KPHHS-1005
KP-1608
TOP-EMITTING CHIP SMD LED
Units : mm(inch)
Tolerance : 0.1(0.004)
NOTE:
1.KP series custom-made is available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com