Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS Datasheet(PDF) 9 Page - Kingbright Corporation

Part # KA-4008ZGS
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS Datasheet(HTML) 9 Page - Kingbright Corporation

Back Button KA-4008ZGS Datasheet HTML 5Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 6Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 7Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 8Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 9Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 10Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 11Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 12Page - Kingbright Corporation KA-4008ZGS Datasheet HTML 13Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SMD LED
16
SMD LED
17
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPA-1606SURCK
AlGaInP
630
water clear
110
250
110°
1.6mm x 0.6mm x 1.2mm (0602 Right Angle)
KPA-1606SECK
AlGaInP
601
water clear
110
300
110°
KPA-1606SYCK
AlGaInP
590
water clear
50
150
110°
KPA-1606CGCK
AlGaInP
570
water clear
18
60
110°
KPA-1606ZGC
InGaN
525
water clear
110
350
110°
KPA-1606ZGC-E
InGaN
525
water clear
280
600
110°
KPA-1606ZGC-G
InGaN
525
water clear
380
650
110°
KPA-1606QBC-D
InGaN
470
water clear
36
90
110°
KPA-1606QBC-F
InGaN
465
water clear
50
120
110°
KPA-1606QBC-G
InGaN
465
water clear
70
150
110°
KPA-2106SURCK
AlGaInP
630
water clear
110
250
120°
2.1mm x 0.6mm x 1.0mm (0802 Right Angle)
KPA-2106SECK
AlGaInP
601
water clear
110
300
120°
KPA-2106SYCK
AlGaInP
590
water clear
50
150
120°
KPA-2106MGC
AlGaInP
570
water clear
36
80
120°
KPA-2106CGCK
AlGaInP
570
water clear
18
60
120°
KPA-2106ZGC
InGaN
525
water clear
110
350
120°
KPA-2106ZGC-E
InGaN
525
water clear
280
600
120°
KPA-2106ZGC-G
InGaN
525
water clear
380
650
120°
KPA-2106QBC-D
InGaN
470
water clear
36
90
120°
KPA-2106QBC-F
InGaN
465
water clear
50
120
120°
KPA-2106QBC-G
InGaN
465
water clear
70
150
120°
TOP-EMITTING CHIP SMD LED
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPED-3820SURCK
AlGaInP
630
water clear
280
700
60°(H)
35°(V)
3.8mm x 2.0mm x 3.2mm (Dome Lens)
KPED-3820SECK
AlGaInP
601
water clear
280
800
60°(H)
35°(V)
KPED-3820SYCK
AlGaInP
590
water clear
110
450
60°(H)
35°(V)
KPED-3820MGC
AlGaInP
570
water clear
110
250
60°(H)
35°(V)
KPED-3820CGCK
AlGaInP
570
water clear
70
170
60°(H)
35°(V)
KPED-3820ZGC
InGaN
525
water clear
480
1200
60°(H)
35°(V)
KPED-3820ZGC-E
InGaN
525
water clear
1500
2500
60°(H)
35°(V)
KPED-3820ZGC-G
InGaN
525
water clear
1800
2700
60°(H)
35°(V)
KPED-3820QBC-D
InGaN
470
water clear
110
300
60°(H)
35°(V)
KPED-3820QBC-F
InGaN
465
water clear
280
450
60°(H)
35°(V)
KPED-3820QBC-G
InGaN
465
water clear
380
650
60°(H)
35°(V)
Units : mm(inch)
Tolerance : ±0.2(0.008)
KPED-3820
TOP-EMITTING CHIP SMD LED
Units : mm(inch)
Tolerance : ±0.1(0.004)
Units : mm(inch)
Tolerance : ±0.1(0.004)
KPA-1606
KPA-2106
RIGHT ANGLE SMD LED
NOTE:
1.KP series custom-made is available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com