Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS-E Datasheet(PDF) 17 Page - Kingbright Corporation

Part # KA-4008ZGS-E
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS-E Datasheet(HTML) 17 Page - Kingbright Corporation

Back Button KA-4008ZGS-E Datasheet HTML 11Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 12Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 13Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 14Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 15Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 16Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 17Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 18Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 19Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
SMD LED
24
SMD LED
25
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KM-27SURCK-03
AlGaInP
630
water clear
900
2400
20°
Subminiature Solid State Lamps
Gull Wing Lead
KM-27SECK-03
AlGaInP
601
water clear
900
2500
20°
KM-27SYCK-03
AlGaInP
590
water clear
900
2200
20°
KM-27MGC-03
AlGaInP
570
water clear
380
900
20°
KM-27CGCK-03
AlGaInP
570
water clear
280
700
20°
KM-27ZGC-03
InGaN
525
water clear
1200
2500
20°
KM-27ZGC-E-03
InGaN
525
water clear
2200
4000
20°
KM-27ZGC-G-03
InGaN
525
water clear
2800
5000
20°
KM-27QBC-D-03
InGaN
470
water clear
180
500
20°
KM-27QBC-F-03
InGaN
465
water clear
480
850
20°
KM-27QBC-G-03
InGaN
465
water clear
650
1300
20°
KM-27SURCK-09
AlGaInP
630
water clear
900
2400
20°
Subminiature Solid State Lamps
Z-Bend Lead
KM-27SECK-09
AlGaInP
601
water clear
900
2500
20°
KM-27SYCK-09
AlGaInP
590
water clear
900
2200
20°
KM-27MGC-09
AlGaInP
570
water clear
380
900
20°
KM-27CGCK-09
AlGaInP
570
water clear
280
700
20°
KM-27ZGC-09
InGaN
525
water clear
1200
2500
20°
KM-27ZGC-E-09
InGaN
525
water clear
2200
4000
20°
KM-27ZGC-G-09
InGaN
525
water clear
2800
5000
20°
KM-27QBC-D-09
InGaN
470
water clear
180
500
20°
KM-27QBC-F-09
InGaN
465
water clear
480
850
20°
KM-27QBC-G-09
InGaN
465
water clear
650
1300
20°
Units : mm(inch)
Tolerance : ±0.25(0.01)
Units : mm(inch)
Tolerance : ±0.25(0.01)
KM-27-03
SUBMINIATURE SMD LED
KM-27-09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com