Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS-E Datasheet(PDF) 18 Page - Kingbright Corporation

Part # KA-4008ZGS-E
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS-E Datasheet(HTML) 18 Page - Kingbright Corporation

Back Button KA-4008ZGS-E Datasheet HTML 11Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 12Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 13Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 14Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 15Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 16Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 17Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 18Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 19Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
SMD LED
24
SMD LED
25
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPTR-3216SURCK
AlGaInP
630
water clear
70
220
120°
3.2mm x 1.6mm x 1.05mm (1206 Reverse Mount)
KPTR-3216SECK
AlGaInP
601
water clear
70
240
120°
KPTR-3216SYCK
AlGaInP
590
water clear
50
150
120°
KPTR-3216MGC
AlGaInP
570
water clear
36
70
120°
KPTR-3216CGCK
AlGaInP
570
water clear
10
50
120°
KPTR-3216ZGC
InGaN
525
water clear
110
300
120°
KPTR-3216ZGC-E
InGaN
525
water clear
280
650
120°
KPTR-3216ZGC-G
InGaN
525
water clear
380
700
120°
KPTR-3216QBC-D
InGaN
470
water clear
36
100
120°
KPTR-3216QBC-F
InGaN
465
water clear
50
150
120°
KPTR-3216QBC-G
InGaN
465
water clear
70
180
120°
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KM-23ID-F
GaAsP/GaP
625
red diffused
4
12
140°
SOT-23 Surface Mount LED Lamp (3mm x 1.3mm)
KM-23EC-F
GaAsP/GaP
625
water clear
4
15
140°
KM-23SRD-F
GaAlAs
640
red diffused
36
70
140°
KM-23SRC-F
GaAlAs
640
water clear
36
90
140°
KM-23YD-F
GaAsP/GaP
588 yellow diffused
2.6
8.5
140°
KM-23YC-F
GaAsP/GaP
588
water clear
2.6
10
140°
KM-23SYD-F
AlGaInP
590 yellow diffused
50
100
140°
KM-23SYC-F
AlGaInP
590
water clear
50
150
140°
KM-23SGD-F
GaP
568
green diffused
2.6
8
140°
KM-23SGC-F
GaP
568
water clear
4
15
140°
KM-23CGCK-F
AlGaInP
570
water clear
18
50
140°
KM-23ZGC-F
InGaN
525
water clear
70
250
140°
KM-23ZGC-E-F
InGaN
525
water clear
110
450
140°
KM-23ZGC-G-F
InGaN
525
water clear
280
500
140°
KM-23QBC-D-F
InGaN
470
water clear
36
80
140°
KM-23QBC-F-F
InGaN
465
water clear
50
100
140°
KM-23QBC-G-F
InGaN
465
water clear
70
140
140°
Units : mm(inch)
Tolerance : ±0.2(0.008)
Units : mm(inch)
Tolerance : ±0.25(0.01)
KPTR-3216
KM-23-F
REVERSE MOUNT SMD LED
SOT-23 SMD LED
NOTE:
1.KP series custom-made is available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com