Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS-E Datasheet(PDF) 7 Page - Kingbright Corporation

Part # KA-4008ZGS-E
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS-E Datasheet(HTML) 7 Page - Kingbright Corporation

Back Button KA-4008ZGS-E Datasheet HTML 3Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 4Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 5Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 6Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 7Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 8Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 9Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 10Page - Kingbright Corporation KA-4008ZGS-E Datasheet HTML 11Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SMD LED
14
SMD LED
15
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPT-3216SURCK
AlGaInP
630
water clear
70
220
120°
3.2mm x 1.6mm x 0.75mm (1206 Super Thin)
KPT-3216SECK
AlGaInP
601
water clear
70
240
120°
KPT-3216SYCK
AlGaInP
590
water clear
50
150
120°
KPT-3216MGC
AlGaInP
570
water clear
36
70
120°
KPT-3216CGCK
AlGaInP
570
water clear
10
50
120°
KPT-3216ZGC
InGaN
525
water clear
110
300
120°
KPT-3216ZGC-E
InGaN
525
water clear
280
650
120°
KPT-3216ZGC-G
InGaN
525
water clear
380
700
120°
KPT-3216QBC-D
InGaN
470
water clear
36
100
120°
KPT-3216QBC-F
InGaN
465
water clear
50
150
120°
KPT-3216QBC-G
InGaN
465
water clear
70
180
120°
KPC-3216SURCK
AlGaInP
630
water clear
70
220
120°
3.2mm x 1.6mm x 1.1mm (1206)
KPC-3216SECK
AlGaInP
601
water clear
70
240
120°
KPC-3216SYCK
AlGaInP
590
water clear
50
150
120°
KPC-3216MGC
AlGaInP
570
water clear
36
70
120°
KPC-3216CGCK
AlGaInP
570
water clear
10
50
120°
KPC-3216ZGC
InGaN
525
water clear
110
300
120°
KPC-3216ZGC-E
InGaN
525
water clear
280
650
120°
KPC-3216ZGC-G
InGaN
525
water clear
380
700
120°
KPC-3216QBC-D
InGaN
470
water clear
36
100
120°
KPC-3216QBC-F
InGaN
465
water clear
50
150
120°
KPC-3216QBC-G
InGaN
465
water clear
70
180
120°
KPTL-3216SURCK
AlGaInP
630
water clear
280
550
70°
3.2mm x 1.6mm x 1.1mm (1206)
KPTL-3216SECK
AlGaInP
601
water clear
280
600
70°
KPTL-3216SYCK
AlGaInP
590
water clear
110
350
70°
KPTL-3216CGCK
AlGaInP
570
water clear
70
200
70°
KPTL-3216ZGC
InGaN
525
water clear
480
1100
70°
KPTL-3216ZGC-E
InGaN
525
water clear
650
1600
70°
KPTL-3216ZGC-G
InGaN
525
water clear
900
1800
70°
KPTL-3216QBC-D
InGaN
470
water clear
110
300
70°
KPTL-3216QBC-F
InGaN
465
water clear
180
360
70°
KPTL-3216QBC-G
InGaN
465
water clear
280
400
70°
Units : mm(inch)
Tolerance : ±0.2(0.008)
Units : mm(inch)
Tolerance : ±0.2(0.008)
KPT-3216
KPC-3216
TOP-EMITTING CHIP SMD LED
NOTE:
1.KP series custom-made is available upon request.
Units : mm(inch)
Tolerance : 0.1(0.004)
KPTL-3216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com