Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN337N Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN337N
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN337N Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN337N Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characterisitics
02
468
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = 2.2A
D
15V
V
= 5V
DS
10V
0.1
0.5
1
2
5
10
20
50
0.01
0.03
0.1
0.3
1
2
5
10
20
V
, DRAI N-SOURCE VOLTAGE (V)
DS
DC
1s
100ms
10s
1ms
RDS(ON)
LIMIT
V
= 4.5V
SINGLE PULSE
R
=250 °C/W
T = 25°C
GS
A
JA
10ms
0.0001
0.001
0.01
0.1
1
10
100 300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=270° C/W
T = 25°C
JA
A
Figure 10. Single Pulse Maximum Pow er
Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in note 1b.
Transient thermal response will change depending on the circuit board design.
0.1
0.2
0.5
1
2
5
10
20
20
50
100
200
500
1000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f=1MHz
V
= 0V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure7. GateChargeCharacteristics.
Figure 9. Maximum Safe Operating Area.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1
2
JA
JA
JA
T - T
= P * R
(t)
JA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
4
FDN337N
Rev:2022A2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com