Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN337N Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN337N
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN337N Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN337N Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics TA = 25
unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250 A, VGS=0V
30
V
VDS=24V, VGS=0V
1
VDS=24V, VGS=0V, TJ=55
10
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±8V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250 A
0.4
1
V
VGS=4.5V, ID=2.2 A
65
VGS=4.5V, ID=2.2 A , TJ=125
110
VGS=2.5V, ID=2 A
82
On State Drain Current
ID(ON)
VGS=4.5 V, VDS=5 V
10
A
Forward Transconductance
gFS
VDS=5 V, ID=2.2 A
13
S
Input Capacitance
Ciss
300
Output Capacitance
Coss
145
Reverse Transfer Capacitance
Crss
35
Total Gate Charge
Qg
79
Gate Source Charge
Qgs
1.1
Gate Drain Charge
Qgd
1.9
Turn-On DelayTime
td(on)
410
Turn-On Rise Time
tr
10
18
Turn-Off DelayTime
td(off)
17
28
Turn-Off Fall Time
tf
410
Maximum Body-Diode Continuous Current
IS
0.42
A
Diode Forward Voltage
VSD
IS=0.42 A,VGS=0V (Note 2)
1.2
V
Note 2: Pulse Test: Pulse Width
300μs, Duty Cycle
2.0%
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
A
m
VGS=4.5 V, VDD=5 V,
ID = 1A,RGEN=6
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=10 V, f=1MHz
VGS=4.5 V, VDS=10 V, ID=2.2 A
2
FDN337N
Rev:2022A2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com