Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN337N Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN337N
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN337N Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN337N Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN337N Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D
S
G
Absolute Maximum Ratings TA = 25
unless otherwise noted
Symbol
Rating
Unit
VDS
30
VGS
±8
Continuous Drain Current
ID
2.2
IDM
10
(Note 1a)
0.5
(Note 1b)
0.46
Thermal Resistance.Junction- to-Ambient
(Note 1a)
RthJA
250
Thermal Resistance.Junction- to-Case
(Note 1)
RthJC
75
TJ
150
Tstg
-55 to 150
Notes:
1. R JA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins. R JC is guaranteed by design while R CA is determined by
the user's board design.
a. 250
/W when mounted on a 0.02 in
2 pad of 2oz Cu.
c. 270
/W when mounted on a 0.001in
2 pad of 2oz Cu.
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
/W
V
A
Pulsed Drain Current
Parameter
Drain-Source Voltage
Gate-Source Voltage
Features
VDS (V) =30 V
ID = 2.2 A
RDS(ON) = 0.065
@ VGS = 4.5 V
RDS(ON) = 0.082
@ VGS = 2.5 V
FDN337N
N-Channel MOSFET
1
2
3
■
Simplified outline(SOT-23)
1. Gate
2. Source
3. Drain
1
Rev:2022A2


Similar Part No. - FDN337N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN337N FAIRCHILD-FDN337N Datasheet
270Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Texas Instruments
FDN337N TI1-FDN337N Datasheet
1Mb / 34P
Contains all support circuitry needed for the ADS1148/ADS1248
FDN337N TI1-FDN337N Datasheet
2Mb / 27P
Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
Guangdong Youtai Semico...
FDN337N UMW-FDN337N Datasheet
419Kb / 5P
N-Channel 30 V (D-S) MOSFET
logo
ON Semiconductor
FDN337N ONSEMI-FDN337N Datasheet
380Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
March 1998 Rev.C
More results

Similar Description - FDN337N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com