Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33198 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33198
FUNCTIONAL DESCRIPTION
INTRODUCTION
the switch off time can be long, compared to the on-switching
time response. This is due to the 110mA gate discharge
current. To improve this parameter, a resistor can be added
in parallel with the gate of the MOSFET. See Figures 16 and
17.
Figure 16. Schematic with RGATE Resistor
Figure 17. RGATE Signal Comparison
This resistor will reduce (in some way) the charge pump
output voltage available for the MOSFET, but the device will
still provide enough Gate-to-Source voltage to maintain the
MOSFET “on” in good conditions. The resistor will mainly act
as an additional discharge current, which will reduce the
switch off time of the overall application. See the Table 6,
Switching Off Characteristics with MOSFET Additional Gate
Resistor and Figure 15, which show the pin 4 voltage
depending on the additional gate resistor and the off
switching time due to this resistor.
If a very low switching time is needed, the resistor has to
be an extremely low value, resulting in low gate voltage not
high enough to ensure proper MOSFET operation. In this
case, a logic level MOSFET can be used. Logic levels will
operate with VGS of 5.0V, with the same performance as a
standard MOSFET having a 12V VGS. Care should be taken
regarding the maximum gate to source voltage of a logic level
MOSFET. An additional zener might be necessary to prevent
gate oxide damage.
REVERSE BATTERY
The device does not sustain reverse battery operation for
VCC voltages greater than - 0.6V in magnitude. In application,
pin 5 should be protected from reverse battery by connecting
a diode in series with the VBAT line.
Figure 18. 33198 Reverse Battery
1
4
3
Vbat
Vbat
1K
Rg
LOAD
0V
5V
INPUT SIGNAL PIN7
Vcc + 15V typ
0V
Vgate WITHOUT Rgate
Vgate WITH Rgate
Toff
Toff
Table 6. Switching Off Characteristics with MOSFET
Additional Gate Resistor
RGATE (RG)
VCC (V)
VGATE (V)
TOFF (µsec)
No R
7.0
16
450
10
23
700
14
28
750
20
34
780
68 k
Ω
7.0
14
160
10
22
230
14
27
230
20
33
220
39 k
Ω
7.0
13
100
10
21
160
14
26
160
20
32
150
15 k
Ω
7.0
11
30
10
17.5
50
14
24
50
20
28.5
50
Notes
1.
Time from negative edge of input signal (Pin 7) to negative
edge of gate voltage (Pin 4) measured at 5V threshold.
2.
Gate discharge time, not LOAD switching OFF time.L
3.
TMOS used is Freescale MTP50N06, load 10
Ω resistor.
C
7 INPUT
6 STATUS
Vbat
Vbat
LOAD
4
2
Rdrn
GATE
1 K
DRN
5
SOURCE 1
TIMER
GND
VCC
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com