Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33198 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33198 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33198
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33198 Simplified Internal Block Diagram and Typical Application
LOGIC
Over
Detect
Volt
Under
Volt
Detect
Bias
Supply
Charge
Pump
Power
ON
Vcc
10
µA
80
µA
Ref
10
µA
100
µA
+
-
+
-
+
-
DRN
GATE
SRC
GND
TIMER
INPUT
STATUS
VCC
15V
VBAT
POWER
TMOS
LOAD
Rsrc
Rdrn
C
timer
5V
MCU
C2
C1
C3
Rpu
5
7
6
3
8
1
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com