Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33198 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33198
Description  Automotive High-Side TMOS Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33198 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33198 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33198 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33198
Rev. 2.0, 11/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Automotive High-Side TMOS
Driver
The MC33198 is a high-side TMOS driver, dedicated to automotive
applications. It is used in conjunction with an external power MOSFET
for high-side drive applications. The device can drive and protect a
large variety of MOSFETs. The device has a CMOS compatible input
control, charge pump to drive the MOSFET gate, and fault detection
circuitry based on programmable VDS monitoring to detect shorted
loads. It also includes a programmable timer function to eliminate
undesired switch off due to in rush currents, and a status pin which
reports the output status of both on and off MOSFET states. The device
uses few external components and offers an economical solution to
large current high side switches. It also has PWM capability up to 1kHz.
Features
• Designed for Automotive High Side Driver Application
• Works with a Wide Variety of N-Channel Power MOSFETs
• PWM Capability
• On Board Charge Pump Capable of Charging 25nF in less than 1ms
with No External Components Required
• Drive Inductive Load with No External Clamp Circuitry Required
• CMOS Logic Compatible Input Control
• TMOS Over Current and Short Circuit Protection
• Fault Output to Report an MOSFET Overcurrent Condition
• Output Status Available when MOSFET is On or Off
• Extended Temperature Range from -40°C to 125°C
• Protected Against Automotive Transients with few External Components
• Overvoltage and Undervoltage Shutdown
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 33198 Simplified Application Diagram
HIGH-SIDE TMOS DRIVER
D SUFFIX
EF SUFFIX (PB-FREE)
98ASB42564B
8-PIN SOICN
33198
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33198D
-40°C to 125°C
8 SOICN
MCZ33198EF/R2
33198
MCU
VBAT
5.0V
STATUS
INPUT
GND
TIMER
SRC
GATE
DRN
VCC
LOAD


Similar Part No. - 33198

ManufacturerPart #DatasheetDescription
logo
Aptiv
33198617 APTIV-33198617 Datasheet
185Kb / 2P
OCS 1.2 UNSEALED SERIES
33198634 APTIV-33198634 Datasheet
185Kb / 2P
OCS 1.2 UNSEALED SERIES
More results

Similar Description - 33198

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
Automotive Quad Low Side Driver
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
Automotive High Side TMOS Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
Dual High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
HIGH?밪IDE TMOS DRIVER
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com