Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33385 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33385
Description  Quad Low-side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33385 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33385 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33385
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 9. Max Clamp- Energy Specification
ELECTRICAL PERFORMANCE CURVES
Figure 10. Standby Current versus Temperature
Figure 11. Operating Mode Current versus Temperature
Figure 12. Low Threshold Input Voltage versus
Temperature
Figure 13. High Threshold Input Voltage versus
Temperature
0,5
04
3,5
3
2,5
2
1
300
250
200
150
100
50
0
350
Pulse-Duration (ms)
1,5
125
°C
25
°C
- 40
°C
1,75
2
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
2,25
2,50
2,75
3
1,50
1,25
1
VCC=5,5V
VCC=5,15V
10,00
10,50
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
11,00
11,50
12,00
12,50
9,50
9,00
8,50
All outputs=2A
VCC=5,15V
355
360
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
365
370
375
380
350
345
340
VCC=5,5V
VCC=4,5V
619
620
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
621
622
623
624
618
617
616
VCC=4,5V ou 5,5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com