Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33385 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33385
Description  Quad Low-side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33385 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33385 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33385
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 14. Output Clamp Voltage versus Temperature
Figure 15. Rdson versus Temperature
Figure 16. Open Load versus Temperature
Figure 17. Vcc Undervoltage versus Temperature
Figure 18. Short Current Limit versus Temperature
Figure 19. Inductive Switching
52,50
53,00
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
53,50
54,00
54,50
55,00
52,00
51,50
51,00
IOUT1=1A
275
300
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
325
350
375
400
250
225
200
IOUT1=3A
VCC=4,5V
22,75
23,00
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
23,25
23,50
23,75
24,25
22,50
24,50
24,00
3,73
3,74
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
3,75
3,76
3,77
3,78
3,72
3,71
3,70
4,10
4,20
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
4,30
4,40
4,50
4,00
4,60
3,90
3,80
VCC=4,5V
VCC=5,5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com