Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33389 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33389
FUNCTIONAL DEVICE OPERATION
Figure 6. HSOP-20 Simplified Thermal Model
Example
Assuming IV1 = 100 mA at VBAT = 16 V,
IV2 =150 mA at VBAT = 16 V (Excluding CAN
consumption).
ICAN = 50 mA at VBAT =16 V, we have:
PV1 = 1. 1 W, PV2 = 1.65 W, PCAN = 0.55 W
System assumptions:
If TAMB= 85°C and RTHC/A = 18°C/W, this gives:
TCASE = TAMB+RTHC/A x 3.3 W = 85 + 18 x 3.3 = 145°C
and TJV1 = TJV2 = TJCAN=155°C.
This example represents the limit for the maximum power
dissipation with a HSOP20.
SO28WB Package
The case (pin) to junction RTH is represented here by only
one thermal resistance for the total power because the three
power sources strongly interact on the silicon for such a
package.
Figure 7. SO28WB Simplified Thermal Model
Example
Assuming IV1 = 45 mA at VBAT = 16 V,
IV2 = 45 mA at VBAT = 16 V (Excluding CAN consumption).
ICAN = 50 mA at VBAT = 16 V, we have:
PV1 = 0.5 W, PV2 =0.5 W, PCAN =0.55 W thus PTOTAL
=1.55W
System assumptions:
If TAMB = 85°C and RTHC/A = 25°C/W, this gives:
TCASE = TAMB + RTHC/A x 1.55 W = 85+25 x 1.55 = 124°C
and TJV1 = 124 + 20 x 1.55 = 155°C.
DIFFERENT DEVICE VERSIONS
The MC33389 is proposed in several package versions,
and also offers slight differences in term of functionalities.
The device version is identified in the device part number by
the first letter after the 389 number. The package
identification is done by the last two letters of the part number
(DW for SO28 wide body, DH for power SO20).
T ambient
T case (Heatsink)
V1 Power
V2 Power
CAN Power
TJ (Max 155°C)
RTHJ/C=18°C/W
6.5°C/W
9°C/W
RTHC/A (ECU supplier dependent)
TCASE (pin)
TJ (Max 155°C)
Total Power
RTHC/A
TAMBIENT
RTHJ/C = 20°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com