Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33389 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33389
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
.
This register reports the CANL and Tx permanent failure status
This register monitors the status of the V2, V3, and VBAT voltage level.
Table 36. TESRH Bit Definition
TESRH3
TESRH2
TESRH1
TESRH0
Description
0
0
0
0
No Failure on CANH
0
x
0
1
CANH Wire Interruption
x
x
1
x
CANH Short Circuit to VBAT
0
1
0
x
CANH Short Circuit to Ground
1
x
0
x
CANH Short Circuit to VCC
In case of CANH line failures, the appropriate bit(s) are set according to Table 36. This information is latched. The register can be reset by a
Read operation. After power-ON is reset, all bits are set to 0.
Table 37. Transceiver Error Status Register for CANL and Tx (TESRL)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TESRL
$017
R
TESRL3
TESRL2
TESRL1
TESRL0
W
RESET
—
—
—
—
0
0
0
0
Table 38. TESRL Bit Definition
TESRL3
TESRL2
TESRL1
TESRL0
Description
0
0
0
0
No Failure
0
x
0
1
CANL Wire Interruption
0
1
0
x
CANL Short Circuit to Ground/CANH mutually shorted to CANL
x
x
1
x
CANL Short Circuit to VBAT
1
x
0
x
CANL Short Circuit to VDD
In case of CANL line failures, the appropriate bit(s) are set according to Table 38. This information is latched. The register can be reset by a
Read operation. After power-ON is reset, all bits are set to 0.
Table 39. Reset Source Register (RSR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RSR
$018
R
RSR2
RSR1
RSR0
W
RESET
—
—
—
—
—
1
0
1
This register reports the source of a reset already occurred.
RSR0: 1 = > VDD1 under voltage occurred (RSR2 = 1 in this case), 0 = > no over voltage on V occurred
RSR1: 1 = > Software watchdog reset occurred (RSR 2 = 1 in this case), 0 = > no SW watchdog reset occurred
RSR2: 1 = > External reset occurred (RSR0 = RSR1= 0 in this case), 0 = > no external reset occurred
Events related to the bits in register RSR are latched. All bits can be reset by a Read operation of the register. After a power-ON reset, RSR2
and RSR0 are set to 1. Therefore, the first read out of the register after power-ON delivers RSR[2:0] = [101].
Table 40. Voltage Supply Status Register (VSSR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VSSR
$01B
R
V3SR
V2SR
VBSR1
VBSR0
W
RESET
—
—
—
—
0
0
—
—
POR
—
—
—
—
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com