Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SCM-2
Description  Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCM-2 Datasheet(HTML) 1 Page - Mini-Circuits

  SCM-2 Datasheet HTML 1Page - Mini-Circuits SCM-2 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
Page 1 of 2
Level 7 (LO Power +7 dBm)
5 to 1000 MHz
Frequency Mixer
Surface Mount
CASE STYLE: YY109
PRICE: $5.45 ea. QTY (1-9)
Demo Board MCL P/N: TB-172
Suggested PCB Layout (PL-132)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
8
RF
1
IF
3
GROUND
2,4,5,6,7
Outline Drawing
Electrical Specifications
REV. A
M98898
SCM-2
DJ/TD/CP
070503
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
LM
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
5-1000
DC-500
5.76
0.03
8.3
9.8
50
40
40
25
35
20
55
30
40
25
30
18
11
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
SCM-2
SCM-2+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Features
• low conversion loss, 5.76 dB typ.
• high isolation, 40 dB typ.
• wideband, 5 to 1000 MHz
Applications
• VHF/UHF
• cellular
• GSM/ISM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
A
BC
D
E
F
G
.75
.38
.20
.010
.050
.020
.200
19.05
9.65
5.08
0.25
1.27
0.51
5.08
HJ
K
M
N
P
wt
.075
.600
.720
.740
.100
.150 grams
1.91
15.24
18.29
18.80
2.54
3.81
1.6
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
5.00
35.00
7.70
91.15
81.65
5.79
4.26
10.00
40.00
6.74
79.06
74.26
2.25
3.25
20.00
50.00
6.43
72.63
67.23
1.59
3.04
35.15
65.15
6.02
67.42
61.82
1.30
2.89
50.00
80.00
5.92
62.72
54.16
1.19
2.77
65.30
95.30
5.79
61.08
56.02
1.12
2.72
100.00
70.00
5.69
57.24
54.55
1.02
2.63
155.76
125.76
5.65
52.92
50.70
1.11
2.61
200.00
170.00
5.73
50.87
48.52
1.20
2.60
246.21
216.21
5.83
47.20
46.40
1.30
2.60
336.67
306.67
5.96
45.14
43.55
1.51
2.60
427.12
397.12
5.89
41.17
41.75
1.68
2.74
500.00
470.00
6.32
42.19
40.98
1.78
2.72
547.73
517.73
6.50
41.49
40.81
1.85
2.80
608.03
578.03
6.41
41.53
38.45
1.93
3.05
668.33
638.33
6.50
38.93
37.08
2.01
3.17
758.79
728.79
7.67
41.79
36.35
2.18
3.43
819.09
789.09
7.83
43.08
35.42
2.25
3.47
909.55
879.55
7.89
45.07
33.32
2.12
3.45
1000.00
970.00
7.08
39.99
28.91
1.90
3.51
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - SCM-2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCM-2012 SUMIDA-SCM-2012 Datasheet
439Kb / 4P
Multilayer Chip Common Mode Filter
logo
Mini-Circuits
SCM-2500 MINI-SCM-2500 Datasheet
346Kb / 2P
Frequency Mixer
SCM-2500+ MINI-SCM-2500+ Datasheet
346Kb / 2P
Frequency Mixer
SCM-2500LH MINI-SCM-2500LH Datasheet
326Kb / 2P
Frequency Mixer
SCM-2500LH+ MINI-SCM-2500LH+ Datasheet
326Kb / 2P
Frequency Mixer
More results

Similar Description - SCM-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ZX05-30W MINI-ZX05-30W Datasheet
178Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 300 to 4000
JMS-2 MINI-JMS-2 Datasheet
328Kb / 2P
Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
Level 7 (LO Power 7 dBm) 5 to 1500 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
CY7C1520KV18 MINI-CY7C1520KV18 Datasheet
261Kb / 2P
Frequency Mixer wide band Level 7 (LO Power 7 dBm) 3700 to 10000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com