Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112A/B/N Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 11Page - Texas Instruments TMP112A/B/N Datasheet HTML 12Page - Texas Instruments TMP112A/B/N Datasheet HTML 13Page - Texas Instruments TMP112A/B/N Datasheet HTML 14Page - Texas Instruments TMP112A/B/N Datasheet HTML 15Page - Texas Instruments TMP112A/B/N Datasheet HTML 16Page - Texas Instruments TMP112A/B/N Datasheet HTML 17Page - Texas Instruments TMP112A/B/N Datasheet HTML 18Page - Texas Instruments TMP112A/B/N Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
ALERT
Core
SCL
GND
V+
A0
V+
SDA
TMP112
Figure 7-3. Equivalent Internal ESD Circuitry (SOT563-6 Package)
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement conversion is stored in the read-only temperature
register. The temperature register of the TMP112 family is configured as a 12-bit read-only register (setting the
EM bit to 0 in the configuration register; see Section 7.5.3.7), or as a 13-bit read-only register (setting the EM
bit to 1 in the configuration register) that stores the output of the most recent conversion. Two bytes must be
read to obtain data and are listed in Table 7-8 and Table 7-9. Byte 1 is the most significant byte (MSB), followed
by byte 2, the least significant byte (LSB). The first 12 bits (13 bits in extended mode) are used to indicate
temperature. The least significant byte does not have to be read if that information is not needed. The data
format for temperature is listed in Table 7-2 and Table 7-3. One LSB equals 0.0625°C. Negative numbers are
represented in binary twos complement format. Following power up or reset, the temperature register reads 0°C
until the first conversion is complete. Bit D0 of byte 2 indicates normal mode (EM bit equals 0) or extended
mode (EM bit equals 1), and can be used to distinguish between the two temperature register data formats. The
unused bits in the temperature register always read 0.
Table 7-2. 12-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0.0625
0000 0000 0001
001
0
0000 0000 0000
000
-0.0625
1111 1111 1111
FFF
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com