Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112A/B/N Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 14Page - Texas Instruments TMP112A/B/N Datasheet HTML 15Page - Texas Instruments TMP112A/B/N Datasheet HTML 16Page - Texas Instruments TMP112A/B/N Datasheet HTML 17Page - Texas Instruments TMP112A/B/N Datasheet HTML 18Page - Texas Instruments TMP112A/B/N Datasheet HTML 19Page - Texas Instruments TMP112A/B/N Datasheet HTML 20Page - Texas Instruments TMP112A/B/N Datasheet HTML 21Page - Texas Instruments TMP112A/B/N Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
When reading from the TMP112 family, the last value stored in the pointer register by a write operation is used
to determine which register is read by a read operation. To change the register pointer for a read operation, a
new value must be written to the pointer register. This action is accomplished by issuing a slave-address byte
with the R/W bit low, followed by the pointer register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit high to initiate the read command.
See Figure 7-5 for details of this sequence. If repeated reads from the same register are desired, continuously
sending the pointer register bytes is not necessary because the TMP112 family retains the pointer register value
until the value is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.3.2.4 Slave Mode Operations
The TMP112 family can operate as a slave receiver or slave transmitter. As a slave device, the TMP112 family
never drives the SCL line.
7.3.2.4.1 Slave Receiver Mode
The first byte transmitted by the master is the slave address with the R/W bit low. The TMP112 family then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP112 family then acknowledges reception of the pointer register byte. The next byte or bytes are written to
the register addressed by the pointer register. The TMP112 family acknowledges reception of each data byte.
The master can terminate data transfer by generating a START or STOP condition.
7.3.2.4.2 Slave Transmitter Mode
The first byte transmitted by the master is the slave address with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte
of the register indicated by the pointer register. The master acknowledges reception of the data byte. The next
byte transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte.
The master can terminate data transfer by generating a not-acknowledge on reception of any data byte or by
generating a START or STOP condition.
7.3.2.5 SMBus Alert Function
The TMP112 family supports the SMBus alert function. When the TMP112 family operates in interrupt mode (TM
= 1), the ALERT pin can be connected as an SMBus alert signal (when the ALERT pin is available). Irrespective
of the availability of the ALERT pin, the alert status is set. When a master senses that an alert condition is
present on the alert line, the master sends an SMBus ALERT command (0001 1001) to the bus. If the ALERT
pin is active or the alert is set, the device acknowledges the SMBus ALERT command and responds by returning
the slave address on the SDA line. The eighth bit (LSB) of the slave address byte indicates if the alert condition
is caused by the temperature exceeding T(HIGH) or falling below T(LOW). The LSB is high if the temperature is
greater than T(HIGH), or low if the temperature is less than T(LOW). Refer to the Figure 7-6 section for details of
this sequence.
If multiple devices on the bus respond to the SMBus ALERT command, arbitration during the slave address
portion of the SMBus ALERT command determines which device clears the alert status of that device. The
device with the lowest two-wire address wins the arbitration. If the TMP112 family wins the arbitration, the
TMP112 family ALERT pin becomes inactive and/or clears the status bit at the completion of the SMBus ALERT
command. If the TMP112 family loses the arbitration, the TMP112 family ALERT pin and/or the status bit remains
active.
7.3.2.6 General Call
The TMP112 family responds to a two-wire general-call address (0000 000) if the eighth bit is 0. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte is
0000 0110, the TMP112 family internal registers are reset to power-up values. The TMP112 family does not
support the general-address acquire command.
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com