Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112A/B/N Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 13Page - Texas Instruments TMP112A/B/N Datasheet HTML 14Page - Texas Instruments TMP112A/B/N Datasheet HTML 15Page - Texas Instruments TMP112A/B/N Datasheet HTML 16Page - Texas Instruments TMP112A/B/N Datasheet HTML 17Page - Texas Instruments TMP112A/B/N Datasheet HTML 18Page - Texas Instruments TMP112A/B/N Datasheet HTML 19Page - Texas Instruments TMP112A/B/N Datasheet HTML 20Page - Texas Instruments TMP112A/B/N Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
7.3.2 Serial Interface
The TMP112 family operates as a slave device only on the SMBus, two-wire, and I2C interface-compatible bus.
Connections to the bus are made through the open-drain I/O lines, SDA and SCL. The SDA and SCL pins
feature integrated spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus
noise. The TMP112 family supports the transmission protocol for fast (1 kHz to 400 kHz), fast-plus (1 kHz to 1
MHz) and high-speed (1 kHz to 2.85 MHz) modes. All data bytes are transmitted MSB first.
7.3.2.1 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data-line (SDA) from a high-
to low-logic level when the SCL pin is high. All slaves on the bus shift in the slave address byte on the rising
edge of the clock, with the last bit indicating whether a read or write operation is intended. During the ninth clock
pulse, the slave being addressed responds to the master by generating an acknowledge and pulling the SDA pin
low.
A data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During the data
transfer the SDA pin must remain stable when the SCL pin is high, because any change in the SDA pin when the
SCL pin is high is interpreted as a START or STOP signal.
When all data have been transferred, the master generates a STOP condition indicated by pulling the SDA pin
from low to high when the SCL pin is high.
7.3.2.2 Serial Bus Address
To communicate with the device, the master must first address slave devices through a slave-address byte. The
slave-address byte consists of seven address bits and a direction bit indicating the intent of executing a read or
write operation.
The TMP112 family features an address pin to allow up to four devices to be addressed on a single bus. Table
7-4 describes the pin logic levels used to properly connect up to four devices. This table also describes four
different address options available when ALERT pin is used in TMP112Dx.
Table 7-4. Address and Alert Variant Device Target Address
DEVICE ORDERABLE
ADD0 PIN CONNECTION
DEVICE I2C BUS
ADDRESS
DEVICE I2C BUS
ADDRESS (Hex)
Address Variant Only
TMP112D
GND
1000000
40h
V+
1000001
41h
SDA
1000010
42h
SCL
1000011
43h
Alert Variant Only
TMP112D0
N/A
1001000
48h
TMP112D1
1001001
49h
TMP112D2
1001010
4Ah
TMP112D3
1001011
4Bh
Address + Alert Variant
TMP112A
TMP112B
TMP112N
GND
1001000
48h
V+
1001001
49h
SDA
1001010
4Ah
SCL
1001011
4Bh
7.3.2.3 Writing and Reading Operation
Accessing a particular register on the TMP112 family is accomplished by writing the appropriate value to the
pointer register. The value for the pointer register is the first byte transferred after the slave address byte with the
R/W bit low. Every write operation to the TMP112 family requires a value for the pointer register (see Figure 7-4).
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com