Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5502L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE5502L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5502L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE5502L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DATA SHEET
SE5502L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202451A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
DC Electrical Characteristics
Conditions:
VCC = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE5502L-EV1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total 802.11g Transmit
Supply Current
POUT = 18 dBm, 54 Mbps
OFDM signal, 64 QAM
ENg = 3.3 V, ENa = 0 V,
100% duty cycle
-
150
-
mA
ICC-B
Total 802.11b Transmit
Supply Current
POUT = 21 dBm, 11 Mbps
CCK signal, BT = 0.45,
ENg = 3.3 V, ENa = 0 V,
100% duty cycle
-
175
-
mA
ICC-A
Total 802.11a Transmit
Supply Current
POUT = 16 dBm, 54 Mbps
OFDM signal, 64 QAM,
ENa = 3.3 V, ENg = 0 V,
100% duty cycle
-
210
-
mA
Icc-Rxa
Total Icc in Rx 5G band
5G LNA enabled
-
19
-
mA
Icc-Rxg
Total Icc in Rx 2G band
2G LNA enabled
-
18
-
mA
ICC_OFF
Total Supply Current
No RF, ENg = ENa = 0 V
-
50
180
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com