Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5502L-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE5502L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5502L-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE5502L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DATA SHEET
SE5502L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202451A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
11
5 GHz Power Detector Characteristic
Conditions:
VCC = 3.3 V, ENa = 3.3 V, ENg = C0 = C1 = 0 V, TA = 25
°C, as measured on Skyworks Solutions’
SE5502L-EV1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
4900
-
5850
MHz
PDR
Power detect range,
peak power
Measured at ANT
0
-
21
dBm
PDZOUT
DC Output impedance
-
-
2.7
3.0
k
Ω
PDVp18
Output Voltage, POUT =
18dBm
-
-
0.78
-
V
PDVp16
Output Voltage, POUT =
16dBm
-
-
0.65
-
V
PDVNoRF
Output Voltage, POUT =
No RF
-
-
0.35
-
V
LPF-3dB
Power detect low pass
filter -3dB corner
frequency
Load = high impedance
Typ: 500 k
Ω
-
1500
-
kHz
5GHz Power Detector Response
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
12
14
16
18
20
Pout(dBm)
Pdet4900
Pdet5090
Pdet5470
Pdet5850
Figure 4: Preliminary SE5502L Power Detector vs. Output Power over Frequency (CW Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com