Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5502L-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SE5502L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5502L-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SE5502L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE5502L-R Datasheet HTML 16Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DATA SHEET
SE5502L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202451A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
13
Recommended Land and Solder Patterns
22
16
18
15
14
21
20
13
19
22
8
16
3
17
2
18
1
15
4
14
5
21
9
20
10
23
7
24
12
6
13
19
11
3
2
1
4
5
6
16
17
18
15
14
13
22
21
20
23
24
19
8
9
10
7
12
11
22
8
16
3
17
2
18
1
15
4
14
5
21
9
20
10
23
7
24
12
6
13
19
11
Figure 6: Recommended Land and Solder Patterns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com