Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33970 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33970
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
• 1 = Return to Zero enabled successfully
ACC14:ACC0 (OD14:OD0) —These 15 bits are from the
RTZ accumulator. They represent the integrated signal
present on the non-driven coil during an RTZ event. These
bits are logic [0] after power-on reset, or after the RST pin
transitions from logic [0] to [1]. After an RTZ event, they will
represent the last RTZ accumulator result before the RTZ
was stopped. ACC14 is the MSB and is the sign bit used for
zero detection.
Figure 8. RTZ Accumulator (Typical)
The analog-to-digital converter's linear input range covers
the expected magnitude of motor back e.m.f. signals, which
is_usually less than 500mV. Input signals greater than this
will not cause any damage (the circuit is connected to the
motor H-Bridge drivers, and thus is exposed to the full
magnitude of the drive voltages), but may cause some small
loss of linearity. A typical plot of output vs. input is shown in
Figure 8 for 4ms step times.
Gauge 0 Pointer Position Status Information
Most recent valid PECCR command resulting in the
Gauge 0 Pointer Position status output:
The bits in Table 17 are read-only bits.
ENB0 (OD15)—This bit indicates whether Gauge 0 is
enabled.
• 0 = Disabled
• 1 = Enabled
DIR0 (OD14)—This bit indicates the direction Gauge 0 is
moving.
• 0 = Toward position 0
• 1 = Away from position 0
DIRC0 (OD13)—This bit is used to determine whether the
direction of the most recent pointer movement is toward the
last commanded position or away from it.
• 0 = Direction of the pointer movement is toward the
commanded position
• 1 = Direction of the pointer movement is away from the
commanded position
CMD0 (OD12)—This bit indicates whether Gauge 0 is at
the most recently commanded position.
• 0 = At commanded position
• 1 = Not at commanded position
POS11:POS0 (OD11:OD0)—These 12 bits represent the
actual position of the pointer at the time CS transitions to a
logic [0].
Gauge 1 Pointer Position Status Information
Most recent valid PECCR command resulting in the
Gauge 1 Pointer Velocity status output:
D11
D10
D9
D8
1
1
0
0
Table 17. Gauge 0 Pointer Position Status Output Register
Bits
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Read
ENB0
DIR0
DIRC0
CMD0
POS11
POS10
POS9
POS8
POS7 POS6 POS5 POS4 POS3 POS2 POS1 POS0
Write
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
D11
D10
D9
D8
1
1
0
1
Table 18. Gauge 1 Pointer Position Status Output Register
Bits
OD15
OD14
OD13
OD12
OD11
OD10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Read
ENB1
DIR1
DIRC1
CMD1
POS11
POS10
POS9
POS8
POS7 POS6 POS5 POS4 POS3 POS2 POS1 POS0
Write
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com