Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33970 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33970 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Document Number: MC33970
Rev. 3.0, 1/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Dual Gauge Driver Integrated
Circuit with Improved Damping
Algorithms
This 33970 is a single-packaged, Serial Peripheral Interface (SPI)
controlled, dual step motor gauge driver integrated circuit (IC). This
monolithic IC consists of four dual output H-Bridge coil drivers and the
associated control logic. Each pair of H-Bridge drivers is used to
automatically control the speed, direction, and magnitude of current
through the two coils of a two-phase instrumentation step motor,
similar to an MMT-licensed AFIC 6405.
The 33970 is ideal for use in automotive instrumentation systems
requiring distributed and flexible step motor gauge driving. The
device also eases the transition to step motors from air core motors
by emulating the air core pointer movement with little additional
processor bandwidth utilization.
Features
• MMT-Licensed Two-Phase Step Motor Compatible
• Minimal Processor Overhead Required
• Fully Integrated Pointer Movement and Position State Machine
with Air Core Movement Emulation
• 4096 Possible Steady State Pointer Positions
• 340° Maximum Pointer Sweep
• Fixed Maximum Acceleration and Deceleration of 4500°/s2
• Maximum Pointer Velocity of 400°/s
• Analog Microstepping (12 Steps/Degree of Pointer Movement)
• Pointer Calibration and Return to Zero
• SPI-Controlled 16-Bit Word
• Calibratable Internal Clock
• Low Sleep Mode Current
• Backward Compatible with MC33991
• Improved Pointer Movement, Diagnostics, and Return to Zero (RTZ)
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33970 Simplified Application Diagram
IMPROVED GAUGE DRIVER
INTEGRATED CIRCUIT
DW SUFFIX
EG SUFFIX (Pb-FREE)
98ASB42344B
24-PIN SOICW
33970
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33970DW/R2
-40°C to 125°C
24 SOICW
MCZ33970EG/R2
5.0 V
Regulator
MCU
V
PWR
VPWR
33970
V
DD
VDD
RTZ
RST
CS
SCLK
SI
SO
GND
Motor 0
SIN0+
SIN0-
COS0+
COS0-
Motor 1
SIN1+
SIN1-
COS1+
COS1-


Similar Part No. - 33970

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
33970 FESTO-33970 Datasheet
88Kb / 1P
Vacuum security valve
More results

Similar Description - 33970

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
Integrated Circuit Dual Peak Power Meter Driver
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
Integrated Circuit Dual, DC Motor Driver
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
Integrated Circuit Dual Reversible Motor Driver
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
Dual Gauge Driver with Configurable Response Time
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
Dual Gauge Driver with Configurable esponse Time
33991 FREESCALE-33991 Datasheet
1Mb / 36P
Gauge Driver Integrated Circuit
logo
ATMEL Corporation
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
Monolithic Integrated Feature Phone Circuit EMI Improved
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com