Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33970 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33970
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33970 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33970 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33970
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33970 Pin Connections
Table 1. 33970 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
2
3
4
COS0+
COS0
−
SIN0+
SIN0
−
Output
H-Bridge Outputs 0
Each pin is the output pin of a half bridge, designed to source or sink
current.
5–8,
17–20
GND
Ground
Ground
These pins serve as the ground for the source of the low-side output
transistors as well as the logic portion of the device.
9
CS
Input
Chip Select
This pin is connected to a chip select output of a LSI IC.
10
SCLK
Input
Serial Clock
This pin is connected to the SCLK pin of the master device and acts as a
bit clock for the SPI port.
11
SO
Output
Serial Output
This pin is connected to the SPI Serial Data Input pin of the master
device, or to the SI pin of the next device in a daisy chain.
12
SI
Input
Serial Input
This pin is connected to the SPI Serial Data Output pin of the master
device from which it receives output command data.
13
RTZ
Output
Multiplexed Output
This is a multiplexed output pin, for the non-driven coil, during a Return to
Zero (RTZ) event.
14
VDD
Input
Voltage
This SPI and logic power supply input will work with 5.0 V supplies.
15
RST
Input
Reset
This input has an internal active pull-up.
16
VPWR
Input
Battery Voltage
Power supply.
21
22
23
24
SIN1
−
SIN1+
COS1
−
COS1+
Output
H-Bridge Outputs 1
Each of these pins are the output pin of a half bridge, designed to source
or sink current.
COS0+
COS0-
SIN0+
SIN0-
GND
GND
GND
CS
SCLK
SO
SI
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
COS1+
COS1-
SIN1+
SIN1-
GND
GND
GND
VPWR
RST
VDD
RTZ
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com