Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RH5.L2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K331M15X7RH5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RH5.L2 Datasheet(HTML) 1 Page - Vishay Siliconix

  K331M15X7RH5.L2 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 13-Apr-10
55
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Mono-Kap
Vishay
DIMENSIONS
Note
•
Bulk packed types have a standard lead length L = 25.4 mm (1.0") minimum
•
Thickness is defined as “T”
CAPACITOR DIMENSIONS AND WEIGHT in millimeter (inches)
SIZE
Wbmax.
Hmax.
Tmax.
MAX. SEATING HEIGHT (SH)
WEIGHT
(g)
L2
H5
K2
K5
15
4.0
(0.157)
4.0
(0.157)
2.5
(0.098)
1.58
(0.062)
2.54
(0.100)
3.50
(0.140)
3.50
(0.140)
≈ 0.15
20
5.0
(0.197)
5.0
(0.197)
3.2
(0.126)
1.58
(0.062)
2.54
(0.100)
3.50
(0.140)
3.50
(0.140)
≈ 0.16
Wb
H
SH
L
2.5 ± 0.8
K2
Wb
H
SH
L
5.0 ± 0.8
K5
Component outline for
lead spacing 2.5 mm ± 0.8 mm
(outside kink)
Component outline for
lead spacing 5.0 mm ± 0.8 mm
(outside kink)
H
SH
L
2.5 ± 0.8
L2
H
SH
L
5.0 ± 0.8
H5
L2 and H5 are preferred styles
Wb
T
Wb
Component outline for
lead spacing 5.0 mm ± 0.8 mm
(flat bent leads)
Component outline for
lead spacing 2.5 mm ± 0.8 mm
(straight leads)


Similar Part No. - K331M15X7RH5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K331M15X7RF5.H5 VISHAY-K331M15X7RF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K331M15X7RF5.H5 VISHAY-K331M15X7RF5.H5 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K331M15X7RF5.L2 VISHAY-K331M15X7RF5.L2 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K331M15X7RF5.L2 VISHAY-K331M15X7RF5.L2 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K331M15X7RK5.H5 VISHAY-K331M15X7RK5.H5 Datasheet
285Kb / 9P
Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
18-Jan-06
More results

Similar Description - K331M15X7RH5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
17-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
18-Jan-06
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Sep-06
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
Dipped Radial Multilayer Ceramic Capacitors
18-Sep-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
16-Aug-12
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
13-Apr-10
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
16-Nov-09
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
23-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com