Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RH5.L2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K331M15X7RH5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RH5.L2 Datasheet(HTML) 3 Page - Vishay Siliconix

  K331M15X7RH5.L2 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 13-Apr-10
57
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
CAPACITANCE RANGE CHART
C0G (NP0) DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
10 pF
100
•
•
12 pF
120
•
•
15 pF
150
•
•
18 pF
180
•
•
22 pF
220
•
•
27 pF
270
•
•
33 pF
330
•
•
39 pF
390
•
•
47 pF
470
•
•
56 pF
560
•
•
68 pF
680
•
•
82 pF
820
•
•
100 pF
101
•
•
120 pF
121
•
•
150 pF
151
•
•
180 pF
181
•
•
220 pF
221
•
•
270 pF
271
•
•
330 pF
331
•
•
390 pF
391
•
•
470 pF
471
•
•
560 pF
561
•
•
680 pF
681
•
•
820 pF
821
•
•
1000 pF
102
•
•
1200 pF
122
•
•
1500 pF
152
•
•
1800 pF
182
•
•
2200 pF
222
•
•
2700 pF
272
•
•
3300 pF
332
•
•
3900 pF
392
•
•
4700 pF
472
•
•
5600 pF
562
•
•
6800 pF
682
•
8200 pF
822
•
0.01 µF
103
Y5V DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
0.01 µF
103
•
•
0.015 µF
153
•
•
0.022 µF
223
•
•
0.033 µF
333
•
•
0.047 µF
473
•
•
0.068 µF
683
•
•
0.10 µF
104
•
•
0.15 µF
154
•
•
0.22 µF
224
•
•
0.33 µF
334
•
0.47 µF
474
•
0.68 µF
684
•
1.0 µF
105
•
X7R DIELECTRIC
SIZE
15
20
RATED VOLTAGE
50
100
50
100
VALUE
CODE
100 pF
101
•
•
120 pF
121
•
•
150 pF
151
•
•
180 pF
181
•
•
220 pF
221
•
•
270 pF
271
•
•
330 pF
331
•
•
390 pF
391
•
•
470 pF
471
•
•
560 pF
561
•
•
680 pF
681
•
•
820 pF
821
•
•
1000 pF
102
•
•
1200 pF
122
•
•
1500 pF
152
•
•
1800 pF
182
•
•
2200 pF
222
•
•
2700 pF
272
•
•
3300 pF
332
•
•
3900 pF
392
•
•
4700 pF
472
•
•
5600 pF
562
•
•
6800 pF
682
•
•
8200 pF
822
•
•
0.01 µF
103
•
•
0.012 µF
123
•
•
0.015 µF
153
•
•
0.018 µF
183
•
•
0.022 µF
223
•
•
0.027 µF
273
•
•
0.033 µF
333
•
•
0.039 µF
393
•
•
0.047 µF
473
•
•
0.056 µF
563
•
•
0.068 µF
683
•
•
0.082 µF
823
•
•
0.10 µF
104
•
•
0.12 µF
124
•
•
0.15 µF
154
•
•
0.22 µF
224
•
0.33 µF
334
•
0.47 µF
474
•
0.68 µF
684
•
1.0 µF
105
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com