Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RH5.L2 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # K331M15X7RH5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RH5.L2 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button K331M15X7RH5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 10Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 11Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 12Page - Vishay Siliconix K331M15X7RH5.L2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
66
Revision: 13-Apr-10
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
2700
100
K272J20C0GH5.L2
K272K20C0GH5.L2
2.5 (0.10)
2700
K272J20C0GH5.H5
K272K20C0GH5.H5
5.0 (0.20)
3300
K332J20C0GH5.L2
K332K20C0GH5.L2
2.5 (0.10)
3300
K332J20C0GH5.H5
K332K20C0GH5.H5
5.0 (0.20)
3900
K392J20C0GH5.L2
K392K20C0GH5.L2
2.5 (0.10)
3900
K392J20C0GH5.H5
K392K20C0GH5.H5
5.0 (0.20)
4700
K472J20C0GH5.L2
K472K20C0GH5.L2
2.5 (0.10)
4700
K472J20C0GH5.H5
K472K20C0GH5.H5
5.0 (0.20)
5600
K562J20C0GH5.L2
K562K20C0GH5.L2
2.5 (0.10)
5600
K562J20C0GH5.H5
K562K20C0GH5.H5
5.0 (0.20)
MONO-KAP C0G - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com