Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34701 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
34701
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
BUCK REGULATOR CONTROL CIRCUIT
The 34701 buck regulator utilizes a PWM Voltage Mode
topology with Feed-Forward to achieve an excellent line and
load regulation. The control circuit block diagram is shown in
Figure 29.
Figure 29. Buck Regulator Control Circuit
The integrated 40 pF capacitor CF charged through the
external resistor R4 provides the feed-forward ramp
waveform, the amplitude of which is proportional to the input
voltage, thus providing the feed-forward function.
Figure 30 shows the Bode plot of the 34701 buck regulator
control loop gain and phase versus frequency.
The first double pole on the Bode plot is created by the
buck regulator output L-C filter, and its frequency can be
calculated as:
Where CO is the value of the buck output capacitor and L
is the inductance value of the output filter inductor L.
The frequency of the compensating zero can be calculated
as follows.
The Feed-Forward implemented by resistor R4 and
integrated capacitor CF creates a pole in the overall loop
transfer function, the frequency of which can be calculated
from the following formula.
Where VRef is the buck regulator reference voltage
(VRef = 0.8 V typ.) at the INV pin,
VIN is the buck regulator input voltage,
Vm1 is the ramp generated by the internal ramp
generator (Vm1 = 0.5 V typ.).
L
f
LC
1
2
π C
OL
----------------------
=
f
zc
()
1
2
πC2 R1 R3
+
()
----------------------------------------
=
f
pFF
()
V
IN
1
f
sw
-------
V
IN
V
Ref
–
()
R4C
F
--------------------------------
V
m1
+
×
----------------------------------------------------------------
1
2
πR4C
F
---------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com