Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34701 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34701
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4.
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figures 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BUCK CONVERTER
Duty Cycle Range (Normal Operation) (18)
tD
0–
95
%
Switching Node SW Rise Time (18)
VIN = 5.0 V, ILOAD = 1.0 A
tRISE
–7.0
–
ns
Switching Node SW Fall Time (18)
VIN = 5.0 V, ILOAD = 1.0 A
tFALL
–17–
ns
Maximum Deadtime (18)
tD
–35–
ns
Buck Control Loop Propagation Delay (18)
VINV < 0.8 V to VSW > 90% of High Level or VINV > 0.8 V to VSW < 10%
of Low Level
tPD
–50–
ns
Soft Start Duration (Power Sequencing Disabled, EN1 = 1, EN2 = 1) (18)
tSS
200
350
800
µs
Fault Condition Time-Out (18)
tFAULT
7.0
10
15
ms
Retry Timer Cycle (18)
tRET
70
100
150
ms
OSCILLATOR
Oscillator Center Frequency(20)
RF = 11.3 k
Ω
fOSC
270
300
330
kHz
Oscillator Frequency Range
fOSC
200
–
400
kHz
Oscillator Frequency Adjusting Resistor Range
RFREQ
7.0
–
22
k
Ω
Oscillator Frequency Adjustment (19), (20)
RF = 7.0 k
Ω
fOSC
400
–
–
kHz
Oscillator Frequency Adjustment (19), (20)
RF = 22 k
Ω
fOSC
–
–
200
kHz
Oscillator Default Frequency (Switching Frequency), FREQ Pin Open
fOSC
–
300
–
kHz
Oscillator Output Signal Duty Cycle (Square Wave, 180° Out-of-Phase with
the Internal Suitable Oscillator)
DOSC
40
50
60
%
Synchronization Pulse Minimum Duration (18)
tSYNC
1.0
–
–
µs
Notes
18.
Design information only. This parameter is not production tested.
19.
see Figure 4 for more details
20.
RF is RFREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com