Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34701 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34701 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34701
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL AND SUPERVISORY CIRCUITS
Enable (EN1, EN2) Input Voltage Threshold
VEN-TH
1.0
1.5
2.0
V
Enable (EN1, EN2) Pulldown Resistance
REN-PD
30
55
90
k
Ω
RST
Low-Level Output Voltage, IOL = 5.0 mA
VOL
––
0.4
V
RST
Leakage Current, OFF State, Pulled Up to 5.25 V
ILKG-RST
––
10
µA
RST
Undervoltage Threshold on VOUT (
∆VOUT/VOUT) (17)
VOUTITh
-14
–
-0.5
%
RST
Overvoltage Threshold on VOUT (
∆VOUT/VOUT) (17)
VOUTITh
0.5
–
14
%
RST
Undervoltage Threshold on VLDO (
∆VLDO/VLDO) (17)
VLDOITh
-12
–
-4.0
%
RST
Overvoltage Threshold on VLDO (
∆VLDO/VLDO) (17)
VLDOITh
4.0
–
12
%
RST
Timer Voltage Threshold
VTH-RT
1.0
1.2
1.5
V
RST
Timer Source Current (RT pin at 0 V)
IS-RT
-17–-34
mA
RST
Timer Leakage Current
ILKG-RT
-1.0
–
1.0
µA
RST
Timer Saturation Voltage, Reset Timer Current = 300
µAV
SAT-RT
–
35
100
mV
Maximum Recommended Value of the Reset Timer Capacitor
Ct
––
47
µF
CLKSEL Threshold Voltage
VTHCLKS
1.2
1.6
2.0
V
CLKSEL Pullup Resistance
RPU-CLKS
60
120
240
k
Ω
ADDR Threshold Voltage (17)
VTHADDR
1.2
1.6
2.0
V
ADDR Pullup Resistance
RPU-ADDR
60
120
240
k
Ω
Thermal Shutdown (IC sensor) (17)
TLIM
150
170
190
°C
Thermal Shutdown Hysteresis (17)
TLIMHYS
–10
–
°C
SDA, SCL PINS I2C BUS (STANDARD)
Input Threshold Voltage (Pin SCL), Rising Edge (17)
VLTH
1.3–1.7
V
Input Threshold Voltage (Pin SDA)
VLTH
1.3–1.7
V
SDA, SCL Input Current, Input Voltage = 5.25 V (VIN1)
IIN
–1.0
10
µA
SDA Low-Level Output Voltage, 3.0 mA Sink Current
VOL
––
0.4
V
SDA, SCL Capacitance (17)
CInput
–
7.0
10
pF
Notes
17.
Design information only. This parameter is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com