Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33710 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33710
Description  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33710 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33710 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34710
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 34710 Terminal Connections
Table 1. 34710 Terminal Definitions
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition
1
RST
Reset
Reset
Reset is an open drain output only.
2
3
4
Mode0
Mode1
Mode2
Input
Mode Control
These input terminals control VFB and VCORE output voltages.
5–12,
14–22, 24
NC
NC
No Connects
No internal connection to this terminal.
13
GND
Ground
Ground
Ground.
23
VCORE
Output
Core Voltage
Regulator Output
Core regulator output voltage.
25
LINB+
Input
Core Voltage
Regulator Input
Core regulator input voltage.
26
VFB
Input
VI/O Switching
Regulator
Feedback
Feedback terminal for VI/O switching regulator and internal logic supply.
27
VSWITCH
Output
VI/O Switching
Regulator Switch
Output
VI/O switching regulator switching output.
28
B+
Input
Power Supply
Input
Regulator input voltage.
29
VB
Output
Boost Voltage
Boost voltage storage node.
30
CP2
Passive
Component
CP Capacitor
Positive
Charge pump capacitor connection 2.
31
CP1
Passive
Component
CP Capacitor
Negative
Charge pump capacitor connection 1.
32
CT
Passive
Component
Reset Delay
Capacitor
Reset delay adjustment capacitor.
1
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
CT
CP1
CP2
VB
B+
VSWITCH
VFB
LINB+
N/C
VCORE
N/C
N/C
N/C
N/C
N/C
N/C
RST
MODE0
MODE1
MODE2
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com