Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33710 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33710
Description  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33710 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33710 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document order number:
MC34710
Rev. 3.0, 3/2006
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Dual Output DC-DC & Linear
Regulator IC
The 34710 is a dual-output power regulator IC integrating
switching regulator, linear regulator, supervisory and power supply
sequencing circuitry. With a wide operating input voltage range of
13 V to 32 V, the 34710 is applicable to many commercial and
industrial applications using embedded MCUs.
A mode-selected 5.0 Vor 3.3 V DC-DC switching regulator is
provided for board-level I/O and user circuitry up to 700 mA. A linear
regulator provides mode-selected core supply voltages of either 3.3V,
2.5V,1.8V, or 1.5V at currents up to 500 mA.
The supervisor circuitry ensures that the regulator outputs follow a
predetermined power-up and power-down sequence.
Features
• Efficient 5.0 V/3.3 V Buck Regulator
• Low Noise LDO Regulator (mode-selected 3.3V, 2.5V,1.8V, or
1.5V)
• On-Chip Thermal Shutdown Circuitry
• Supervisory Functions (Power-ON Reset and Error Reset
Circuitry)
• Sequenced I/O and Core Voltages
• Pb-Free Packaging Designated by Suffix Code EW
Figure 1. 34710 Simplified Application Diagram
DUAL OUTPUT DC-DC & LINEAR
REGULATOR
DW SUFFIX
EW SUFFIX (PB-FREE)
98ASA10627D
32-TERMINAL SOICW
33710
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
*PC33710EW/R2
-40°C to 105°
32 SOICW-EP
MC34710EW/R2
0°C to 85°C
32 SOICW-EP
34710
*Device in development.
Electrical parameters being defined.
MCU
34710
VSWITCH
VFB
LINB+
VCORE
VB
RST
GND
CP1
MODE0
MODE1
MODE2
CP2
B+
13 V to 32 V
VI/O
VCORE
CT
VI/O


Similar Part No. - 33710

ManufacturerPart #DatasheetDescription
logo
ITT Industries
337100000 ITT-337100000 Datasheet
671Kb / 8P
Thumbwheel Switches
337100001 ITT-337100001 Datasheet
671Kb / 8P
Thumbwheel Switches
337100002 ITT-337100002 Datasheet
671Kb / 8P
Thumbwheel Switches
337100003 ITT-337100003 Datasheet
671Kb / 8P
Thumbwheel Switches
337100100 ITT-337100100 Datasheet
671Kb / 8P
Thumbwheel Switches
More results

Similar Description - 33710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
Dual-Output ( and -) DC-DC
Rev 0; 3/06
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
Dual Output DC-DC & Linear Regulator IC
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
AC-DC Linear Regulator
logo
Toshiba Semiconductor
TB7110F TOSHIBA-TB7110F Datasheet
497Kb / 18P
Buck DC-DC Converter IC媛딺eries Regulator IC
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
Dual Synchronous DC/DC Regulator
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com