Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33710 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33710
Description  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33710 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33710 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33710 Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34710
TYPICAL APPLICATIONS
This layout provides the lowest possible impedance as
well as lowest possible dc resistance for the power routing.
Note that the power path and its return should be placed, if
possible, on top of each other on different layers or opposite
sides of the pcb.
Small ceramic capacitors are placed in parallel with the
Aluminum electrolytics so that the overall bulk filtering
presents a low ESL to the high di/dt switching currents.
Alternatively, special low ESL/ESR switching-grade
electrolytics may be used.
An additional feature of the MC34710 is the 32 SOICW-EP
exposed pad package. The package allows heat to be
conducted from the die down through the exposed metal pad
underneath the package and into the copper of the pcb. In
order to best take advantage of this feature, a grid array of
thru-hole vias should be placed in the area corresponding to
the exposed pad, and these vias then should then connect to
a large ground plane of copper to dissipate the heat into the
ambient environment. An example of these vias can be seen
in the previous figures of a typical pcb layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com