Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
42
Freescale Semiconductor
Pinout
Symbols used in Table 19 are described in Table 20.
4.2
VR Package
The following figures and table represent the alternate 516 PBGA package. For information on the
standard package for the MPC8250, refer to Section 4.1, “ZU Package” on page 29.
THERMAL0 4
AA1
THERMAL14
AG4
I/O power
AG21, AG14, AG8, AJ1, AJ2, AH1,
AH2, AG3, AF4, AE5, AC27, Y27,
T27, P27, K26, G27, AE25, AF26,
AG27, AH28, AH29, AJ28, AJ29,
C7, C14, C16, C20, C23, E10, A28,
A29, B28, B29, C27, D26, E25, H3,
M4, T3, AA4, A1, A2, B1, B2, C3,
D4, E5
Core Power
U28, U29, K28, K29, A9, A19, B19,
M1, M2, Y1, Y2, AC1, AC2, AH19,
AJ19, AH10, AJ10, AJ5
Ground
AA5, AF21, AF14, AF8, AE7, AF11,
AE17, AE23, AC26, AB25, Y26,
V25, T26, R25, P26, M25, K27, H25,
G26, D7, D10, D14, D16, D20, D23,
C9, E11, E13, E15, E19, E22, B3,
G5, H4, K5, M3, P5, T4, Y5, AA2,
AC3
1
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
2
Must be pulled down or left floating.
3
If PCI is not desired, this pin should be pulled up or left floating.
4
For information on how to use this pin, refer to
MPC8260 PowerQUICC II Thermal Resistor Guide (AN2271/D)
available at www.freescale.com.
Table 20. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
MII
Indicates that a signal is part of the media independent interface.
Table 19. MPC8250 ZU Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com