Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
Freescale Semiconductor
53
Pinout
PB30/FCC2_MII_RX_DV/L1RXDB2
E201
PB31/FCC2_MII_TX_ER/L1TXDB2
C201
PC0/DREQ1/BRGO7/SMSYN2/ L1CLKOA2
AE221
PC1/DREQ2/BRGO6/L1RQA2
AA191
PC2/FCC3_CD/DONE2
AF241
PC3/FCC3_CTS/DACK2/CTS4
AE251
PC4/SI2_L1ST4/FCC2_CD
AB221
PC5/SI2_L1ST3/FCC2_CTS
AC251
PC6/FCC1_CD
AB251
PC7/FCC1_CTS
AA241
PC8/CD4/RENA4/SI2_L1ST2/CTS3
Y241
PC9/CTS4/CLSN4/SI2_L1ST1/ L1TSYNCA2/L1GNTA2
U221
PC10/CD3/RENA3
V231
PC11/CTS3/CLSN3/L1TXD3A2
U231
PC12/CD2/RENA2
T261
PC13/CTS2/CLSN2
R261
PC14/CD1/RENA1
P261
PC15/CTS1/CLSN1/SMTXD2
P241
PC16/CLK16/TIN4
M261
PC17/CLK15/TIN3/BRGO8
L261
PC18/CLK14/TGATE2
M241
PC19/CLK13/BRGO7/SPICLK
L221
PC20/CLK12/TGATE1
K251
PC21/CLK11/BRGO6
J251
PC22/CLK10/DONE1
G261
PC23/CLK9/BRGO5/DACK1
F261
PC24/CLK8/TOUT4
G241
PC25/CLK7/BRGO4
E251
PC26/CLK6/TOUT3/TMCLK
G231
PC27/FCC3_TXD/FCC3_TXD0/CLK5/ BRGO3
B231
PC28/CLK4/TIN1/TOUT2/CTS2/CLSN2
E221
PC29/CLK3/TIN2/BRGO2/CTS1/CLSN1
E211
PC30/CLK2/TOUT1
D211
PC31/CLK1/BRGO1
B201
PD4/BRGO8/FCC3_RTS/SMRXD2
AF231
Table 21. MPC8250 VR Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com