Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8250
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8250 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8250 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
Freescale Semiconductor
55
Package Description
5
Package Description
The following sections provide the package parameters and mechanical dimensions.
5.1
Package Parameters
Package parameters are provided in Table 22.
THERMAL14
C23
I/O power
E6, F6, H6, L5, L6, P6, T6, U6, V5,
Y5, AA6, AA8, AA10, AA11, AA14,
AA16, AA17, AB19, AB20, W21,
U21, T21, P21, N21, M22, J22,
H21, F21, F19, F17, E16, F14,
E13, E12, F10, E10, E9
Core Power
L3, V4, W3, AC11, AD11, AB15,
U25, T24, J24, H25, F23, B19,
D17, C17, D10, C10
Ground
A2, B1, B2, A5, C5, C18, D4, D6,
G2, L4, P1, R1, R4, AC4, AE7,
AC23, Y25, N24, J23, A23, D23,
D20, E18, A13, A16, K10, K11,
K12, K13, K14, K15, K16, K17,
L10, L11, L12, L13, L14, L15, L16,
L17, M10, M11, M12, M13, M14,
M15, M16, M17, N10, N11, N12,
N13, N14, N15, N16, N17, P10,
P11, P12, P13, P14, P15, P16,
P17, R10, R11,R12, R13, R14,
R15, R16, R17, T10, T11, T12,
T13, T14, T15, T16, T17, U10,
U11, U12, U13, U14, U15, U16,
U17
1
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
2
Must be pulled down or left floating.
3
If PCI is not desired, must be pulled up or left floating.
4
For information on how to use this pin, refer to
MPC8260 PowerQUICC II Thermal Resistor Guide (AN2271/D).
Table 22. Package Parameters
Package
Devices
Outline
(mm)
Type
Interconnects
Pitch
(mm)
Nominal Unmounted
Height (mm)
ZU
MPC8250
37.5 x 37.5
TBGA
480
1.27
1.55
VR
MPC8250VR
27 x 27
PBGA
516
1
2.25
Table 21. MPC8250 VR Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com