Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
6
Freescale Semiconductor
Overview
— Four serial communications controllers (SCCs) identical to those on the MPC860, supporting the digital
portions of the following protocols:
– Ethernet/IEEE 802.3 CDMA/CS
– HDLC/SDLC and HDLC bus
– Universal asynchronous receiver transmitter (UART)
– Synchronous UART
– Binary synchronous (BISYNC) communications
– Transparent
— Universal serial bus (USB) controller
– Supports USB 2.0 full/low rate compatible
– USB host mode
– Supports control, bulk, interrupt, and isochronous data transfers
– CRC16 generation and checking
– NRZI encoding/decoding with bit stuffing
– Supports both 12- and 1.5-Mbps data rates (automatic generation of preamble token and data rate
configuration). Note that low-speed operation requires an external hub.
– Flexible data buffers with multiple buffers per frame
– Supports local loopback mode for diagnostics (12 Mbps only)
– Supports USB slave mode
– Four independent endpoints support control, bulk, interrupt, and isochronous data transfers
– CRC16 generation and checking
– CRC5 checking
– NRZI encoding/decoding with bit stuffing
– 12- or 1.5-Mbps data rate
– Flexible data buffers with multiple buffers per frame
– Automatic retransmission upon transmit error
— Two serial management controllers (SMCs), identical to those of the MPC860
– Provide management for BRI devices as general circuit interface (GCI) controllers in time-
division-multiplexed (TDM) channels
– Transparent
– UART (low-speed operation)
— One serial peripheral interface identical to the MPC860 SPI
— One inter-integrated circuit (I2C) controller (identical to the MPC860 I2C controller)
– Microwire compatible
– Multiple-master, single-master, and slave modes
— Up to eight TDM interfaces (four on the MPC8270)
– Supports two groups of four TDM channels for a total of eight TDMs (one group of four on the
MPC8270 and the MPC8275)
– 2,048 bytes of SI RAM
– Bit or byte resolution
– Independent transmit and receive routing, frame synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com