Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
10
Freescale Semiconductor
DC Electrical Characteristics
IOL = 5.3mA
CS[0-9]
CS(10)/BCTL1
CS(11)/AP(0)
BADDR[27–28]
ALE
BCTL0
PWE[0–7]/PSDDQM[0–7]/PBS[0–7]
PSDA10/PGPL0
PSDWE/PGPL1
POE/PSDRAS/PGPL2
PSDCAS/PGPL3
PGTA/PUPMWAIT/PGPL4/PPBS
PSDAMUX/PGPL5
LWE[0–3]LSDDQM[0–3]/LBS[0–3]/PCI_CFG[0–3]
LSDA10/LGPL0/PCI_MODCKH0
LSDWE/LGPL1/PCI_MODCKH1
LOE/LSDRAS/LGPL2/PCI_MODCKH2
LSDCAS/LGPL3/PCI_MODCKH3
LGTA/LUPMWAIT/LGPL4/LPBS
LSDAMUX/LGPL5/PCI_MODCK
LWR
MODCK[1–3]/AP[1–3]/TC[0–2]/BNKSEL[0–2]
IOL = 3.2mA
L_A14/PAR
L_A15/FRAME/SMI
L_A16/TRDY
L_A17/IRDY/CKSTP_OUT
L_A18/STOP
L_A19/DEVSEL
L_A20/IDSEL
L_A21/PERR
L_A22/SERR
L_A23/REQ0
L_A24/REQ1/HSEJSW
L_A25/GNT0
L_A26/GNT1/HSLED
L_A27/GNT2/HSENUM
L_A28/RST/CORE_SRESET
L_A29/INTA
L_A30/REQ2
L_A31
LCL_D[0-31]/AD[0-31]
LCL_DP[0-3]/C/BE[0-3]
PA[0–31]
PB[4–31]
PC[0–31]
PD[4–31]
TDO
QREQ
VOL
—0.4
V
1
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
2
TCK, TRST and PORESET have min VIH = 2.5V.
Table 5. DC Electrical Characteristics 1 (continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com