Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270CVRB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
15
AC Electrical Characteristics
6.1 CPM AC Characteristics
Table 9 lists CPM output characteristics.
Table 10 lists CPM input characteristics.
NOTE: Rise/Fall Time on CPM Input Pins
It is recommended that the rise/fall time on CPM input pins should not exceed 5 ns.
This should be enforced especially on clock signals. Rise time refers to signal
transitions from 10% to 90% of VCC; fall time refers to transitions from 90% to
10% of VCC.
Table 9. AC Characteristics for CPM Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66 MHz
83 MHz 100 MHz 66 MHz
83 MHz 100 MHz
sp36a sp37a FCC outputs—internal clock (NMSI)
6
5.5
5.5
0.5
0.5
0.5
sp36b sp37b FCC outputs—external clock (NMSI)
8
8
8
2
2
2
sp38a sp39a SCC/SMC/SPI/I2C outputs—internal
clock (NMSI)
10
10
10
0
0
0
sp38b sp39b SCC/SMC/SPI/I2C outputs—external
clock (NMSI)
8
882
22
sp40
sp41 TDM outputs/SI
11
11
11
2.5
2.5
2.5
sp42
sp43 TIMER/IDMA outputs
11
11
11
0.5
0.5
0.5
sp42a sp43a PIO outputs
11
11
11
0.5
0.5
0.5
Table 10. AC Characteristics for CPM Inputs 1
1
Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Setup
Hold
Setup
Hold
66 MHz
83 MHz 100 MHz 66 MHz
83 MHz 100 MHz
sp16a sp17a FCC inputs—internal clock (NMSI)
6
6
6
0
0
0
sp16b sp17b FCC inputs—external clock (NMSI)
2.5
2.5
2.5
2
2
2
sp18a sp19a SCC/SMC/SPI/I2C inputs—internal
clock (NMSI)
6
660
00
sp18b sp19b SCC/SMC/SPI/I2C inputs—external
clock (NMSI)
4
442
22
sp20
sp21 TDM inputs/SI
5
5
5
2.5
2.5
2.5
sp22
sp23 PIO/TIMER/IDMA inputs
8
8
8
0.5
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com