Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540CPX667LB Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
76
Freescale Semiconductor
Clocking
15 Clocking
This section describes the PLL configuration of the MPC8540. Note that the platform clock is identical to
the CCB clock.
15.1 Clock Ranges
Table 54 provides the clocking specifications for the processor core and Table 55 provides the clocking
specifications for the memory bus.
Table 54. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
667 MHz
833 MHz
1 GHz
MinMax
MinMax
MinMax
e500 core processor frequency
400
667
400
833
400
1000
MHz
1, 2, 3
Notes:
1.Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 15.2, “Platform/System PLL Ratio,” and Section 15.3, “e500 Core PLL Ratio,” for ratio
settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 200 MHz.
3.)The 1.0 GHz core frequency is based on a 1.3 V VDD supply voltage.
Table 55. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
667 MHz
833 MHz
1 GHz
Min
Max
Min
Max
Min
Max
Memory bus frequency
100
166
100
166
100
166
MHz
1, 2, 3
Notes:
1.Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 15.2, “Platform/System PLL Ratio,” and Section 15.3, “e500 Core PLL Ratio,” for ratio
settings.
2.The memory bus speed is half of the DDR data rate, hence, half of the platform clock frequency.
3.)The 1.0 GHz core frequency is based on a 1.3 V VDD supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com