Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540CPX667LB Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
13
Power Characteristics
PCI/PCI-X I/O
32-bit, 33 MHz
0.04
W
2
32-bit 66 MHz
0.07
64-bit, 66 MHz
0.14
64-bit, 133 MHz
0.25
Local Bus I/O
32-bit, 33 MHz
0.07
W
3
32-bit, 66 MHz
0.13
32-bit, 133 MHz
0.24
32-bit, 167 MHz
0.30
RapidIO I/O
500 MHz data rate
0.96
W
4
TSEC I/O
MII
10
mW
5, 6
GMII, TBI (2.5 V)
40
GMII, TBI (3.3 V)
70
RGMII, RTBI
40
FEC I/O
MII
10
mW
7
Notes:
1. GVDD=2.5, ECC enabled, 66% bus utilization, 33% write cycles, 10pF load on data, 10pF load on address/command, 10pF
load on clock
2. OVDD=3.3, 30pF load per pin, 54% bus utilization, 33% write cycles
3. OVDD=3.3, 25pF load per pin, 5pF load on clock, 40% bus utilization, 33% write cycles
4. VDD=1.2, OVDD=3.3
5. LVDD=2.5/3.3, 15pF load per pin, 25% bus utilization
6. Power dissipation for one TSEC only
7. OVDD=3.3, 20pF load per pin, 25% bus utilization
Table 6. Estimated Typical I/O Power Consumption (continued)
Interface
Parameter
GVDD (2.5
V)
OVDD (3.3
V)
LVDD (3.3
V)
LVDD (2.5
V)
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com