Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540CPX667LB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
12
Freescale Semiconductor
Power Characteristics
The estimated power dissipation on the AVDD supplies for the MPC8540 PLLs is shown in Table 5.
Table 6 provides estimated I/O power numbers for each block: DDR, PCI, Local Bus, RapidIO, TSEC, and
FEC.
333
667
6.3
9.3
W
833
6.9
10.9
1000 6
11.3
15.9
Notes:
1. The values do not include I/O supply power (OVDD, LVDD, GVDD) or AVDD.
2. Junction temperature is a function of die size, on-chip power dissipation, package thermal
resistance, mounting site (board) temperature, air flow, power dissipation of other
components on the board, and board thermal resistance. Any customer design must take
these considerations into account to ensure the maximum 105 °C junction temperature is
not exceeded on this device.
3. Typical Power is based on a nominal voltage of VDD = 1.2 V, a nominal process, a junction
temperature of Tj = 105 °C, and a Dhrystone 2.1 benchmark application.
4. Thermal solutions will likely need to design to a number higher than Typical Power based on
the end application, TA target, and I/O power.
5. Maximum power is based on a nominal voltage of VDD = 1.2 V, worst case process, a junction
temperature of Tj = 105 °C, and an artificial smoke test.
6. The nominal recommended VDD is 1.3 V for this speed grade.
Table 5. MPC8540 AVDD Power Dissipation
AVDDnTypical
1
Unit
AVDD10.007
W
AVDD20.014
W
Notes:
1. VDD = 1.2 V (1.3 V for 1.0 GHz device), TJ = 105°C
Table 6. Estimated Typical I/O Power Consumption
Interface
Parameter
GVDD (2.5
V)
OVDD (3.3
V)
LVDD (3.3
V)
LVDD (2.5
V)
Units
Notes
DDR I/O
CCB = 200 MHz
0.46
W
1
CCB = 266 MHz
0.59
CCB = 300 MHz
0.66
CCB = 333 MHz
0.73
Table 4. MPC8540 VDD Power Dissipation
1,2
CCB Frequency
(MHz)
Core
Frequency (MHz)
Typical Power3,4
Maximum
Power5
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com