Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC17529EV
Description  0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC17529EV Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17529
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 17529 Terminal Connections
Table 1. Terminal Function Description
Terminal
Terminal
Name
Formal Name
Definition
1
VDD
Control Circuit Power Supply
Positive power source connection for control circuit.
2
IN1A
Logic Input Control 1A
Logic input control of OUT1A (refer to Table 5, Truth Table, page 7).
3
IN1B
Logic Input Control 1B
Logic input control of OUT1B (refer to Table 5, Truth Table, page 7).
4
OE
Output Enable
Logic output Enable control of H-Bridges (Low = True).
5
OUT2A
H-Bridge Output 2A
Output A of H-Bridge channel 2.
6
PGND1
Power Ground 1
High-current power ground 1.
7
OUT1A
H-Bridge Output 1A
Output A of H-Bridge channel 1.
8
VM1
Motor Drive Power Supply 1
Positive power source connection for H-Bridge 1 (Motor Drive Power Supply).
9
CRES
Predriver Power Supply
Internal triple charge pump output as predriver power supply.
10
C2H
Charge Pump 2H
Charge pump bucket capacitor 2 (positive pole).
11
C1H
Charge Pump 1H
Charge pump bucket capacitor 1 (positive pole).
12
C1L
Charge Pump 1L
Charge pump bucket capacitor 1 (negative pole).
13
C2L
Charge Pump 2L
Charge pump bucket capacitor 2 (negative pole).
14
OUT1B
H-Bridge Output 1B
Output B of H-Bridge channel 1.
15
PGND2
Power Ground 2
High-current power ground 2.
16
OUT2B
H-Bridge Output 2B
Output B of H-Bridge channel 2.
17
VM2
Motor Drive Power Supply 2
Positive power source connection for H-Bridge 2 (Motor Drive Power Supply).
18
IN2B
Logic Input Control 2B
Logic input control of OUT2B (refer to Table 5, Truth Table, page 7).
19
IN2A
Logic Input Control 2A
Logic input control of OUT2A (refer to Table 5, Truth Table, page 7).
20
LGND
Logic Ground
Low-current logic signal ground.
VDD
IN1B
OUT1A
VM1
CRES
C2H
OE
OUT2A
PGND1
IN1A
LGND
VM2
OUT2B
PGND2
OUT1B
C2L
C1L
C1H
IN2A
IN2B
4
5
6
7
8
9
10
2
3
20
18
14
13
12
11
17
16
15
19
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com