Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17529EV Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC17529EV
Description  0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17529EV Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC17529EV Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17529EV Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17529
APPLICATIONS
FUNCTIONAL TERMINAL DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
Figure 7 shows a typical application for the 17529. When
applying the gate voltage to the CRES terminal from an
external source, be sure to connect it via a resistor equal to,
or greater than, RG = VCRES/0.02 Ω.
The internal charge pump of this device is generated from
the VDD supply; therefore, care must be taken to provide
sufficient gate-source voltage for the high-side MOSFETs
when VM >> VDD (e.g., VM = 5.0 V, VDD = 3.0 V), in order to
ensure full enhancement of the high-side MOSFET channels.
Figure 7. 17529 Typical Application Diagram
CONDUCTED ELECTROMOTIVE FORCE (CEMF)
SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commutating currents
in inductive loads. Typical practice is to provide snubbing of
voltage transients by placing a capacitor or zener at the
supply terminal (VM) (see Figure 8).
Figure 8. CEMF Snubbing Techniques
PCB LAYOUT
When designing the printed circuit board (PCB), connect
sufficient capacitance between power supply and ground
terminals to ensure proper filtering from transients. For all
high-current paths, use wide copper traces and shortest
possible distances.
MCU
17529
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
IN1B
IN2A
IN2B
OE
VM
VDD
OUT1B
OUT2B
0.01 µF
OUT1A
IN1A
OUT2A
NC
NC
NC
NC
VC
RES < 14 V
RG >
VC
RES/0.02 Ω
RG
NC = No Connect
175XX
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
VM
VDD
OUT
OUT
175XX
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
CRES
This paragraph is boilerplate - you may add to it but, can not change wording. You may change numeric values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com